| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
M24C16-DRMN3TP Datasheet(PDF) 13 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M24C16-DRMN3TP Datasheet(HTML) 13 Page - STMicroelectronics |
|
13 / 37 page ![]() DocID025622 Rev 5 13/37 M24C16-A125 Instructions 36 4 Instructions 4.1 Write operations For a Write operation, the bus master sends a Start condition followed by a device select code with the R/W bit reset to 0. The device acknowledges this, as shown in Figure 4, and waits for the master to send the address byte with an acknowledge bit, and then waits for the data byte. When the bus master generates a Stop condition immediately after a data byte Ack bit (in the “10th bit” time slot), either at the end of a Byte Write or a Page Write, the internal Write cycle tW is then triggered. A Stop condition at any other time slot does not trigger the internal Write cycle. During the internal Write cycle, Serial Data (SDA) is disabled internally, and the device does not respond to any requests. After the successful completion of an internal Write cycle (tW), the device internal address counter is automatically incremented to point to the next byte after the last modified byte. If the Write Control input (WC) is driven High, the Write instruction is not executed and the accompanying data bytes are not acknowledged, as shown in Figure 5. |