Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

STFI24NM60N Datasheet(PDF) 7 Page - STMicroelectronics

No. de pieza STFI24NM60N
Descripción Electrónicos  Low input capacitance and gate charge
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STFI24NM60N Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STFI24NM60N Datasheet HTML 3Page - STMicroelectronics STFI24NM60N Datasheet HTML 4Page - STMicroelectronics STFI24NM60N Datasheet HTML 5Page - STMicroelectronics STFI24NM60N Datasheet HTML 6Page - STMicroelectronics STFI24NM60N Datasheet HTML 7Page - STMicroelectronics STFI24NM60N Datasheet HTML 8Page - STMicroelectronics STFI24NM60N Datasheet HTML 9Page - STMicroelectronics STFI24NM60N Datasheet HTML 10Page - STMicroelectronics STFI24NM60N Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
DocID022440 Rev 3
7/12
STFI24NM60N
Electrical characteristics
12
Figure 8. Capacitance variations
Figure 9. Output capacitance stored energy
Figure 10. Normalized gate threshold voltage vs
temperature
Figure 11. Normalized on-resistance vs
temperature
Figure 12. Normalized V(BR)DSS vs temperature
Figure 13. Source-drain diode forward
characteristics
C
1000
100
10
1
0.1
10
VDS(V)
(pF)
1
100
Ciss
Coss
Crss
AM08535v1
Eoss
1.0
0
0
100
VDS(V)
(µJ)
2.0
200
3.0
300
400
4.0
500
6.0
5.0
7.0
8.0
9.0
600
AM08536v1
VGS(th)
1.00
0.90
0.80
0.70
-50
0
TJ(°C)
(norm)
-25
1.10
75
25
50
100
ID = 250 µA
AM08537v1
RDS(on)
2.0
1.5
1.0
0.5
-50
0
TJ(°C)
(norm)
-25
75
25
50
100
ID= 8 A
AM08538v1
V(BR)DSS
-50
0
TJ(°C)
(norm)
-25
75
25
50
100
0.92
0.94
0.96
0.98
1.00
1.02
1.04
1.06
ID=1mA
1.08
1.10
AM09028v1
VSD
0
4
ISD(A)
(V)
2
10
6
8
0
0.2
0.4
0.6
0.8
1.0
1.4
TJ=-50°C
TJ=150°C
TJ=25°C
12
14
16
1.2
AM10328v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com