| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
MJD360T4-A Datasheet(PDF) 1 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
MJD360T4-A Datasheet(HTML) 1 Page - STMicroelectronics |
|
1 / 7 page ![]() Preliminary data This is preliminary information on a new product now in development or undergoing evaluation. Details are subject to change without notice. August 2009 Doc ID 16126 Rev 1 1/7 7 MJD360T4-A MJD361T4-A Low voltage complementary power transistors Features ■ Those devices are qualified for automotive application ■ Low collector emitter saturation voltage ■ Surface-mounting TO-252 power package in tape and reel Applications ■ General purpose switching and amplifier transistor Description The devices are manufactured in planar technology with “base Island” layout. The resulting transistor shows exceptional high gain performance coupled with very low saturation voltage. Figure 1. Internal schematic diagrams DPAK TO-252 1 3 TAB Table 1. Device summary Order code Marking Polarity Package Packaging MJD360T4-A MJD360 NPN DPAK Tape and reel MJD361T4-A MJD361 PNP www.st.com |
Número de pieza similar - MJD360T4-A |
|
Descripción similar - MJD360T4-A |