Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

RPC564L60L5CFQR Datasheet(PDF) 83 Page - STMicroelectronics

No. de pieza RPC564L60L5CFQR
Descripción Electrónicos  microcontroller for Aerospace and Defense, SIL3/ASILD safety applications
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RPC564L60L5CFQR Datasheet(HTML) 83 Page - STMicroelectronics

Back Button RPC564L60L5CFQR Datasheet HTML 79Page - STMicroelectronics RPC564L60L5CFQR Datasheet HTML 80Page - STMicroelectronics RPC564L60L5CFQR Datasheet HTML 81Page - STMicroelectronics RPC564L60L5CFQR Datasheet HTML 82Page - STMicroelectronics RPC564L60L5CFQR Datasheet HTML 83Page - STMicroelectronics RPC564L60L5CFQR Datasheet HTML 84Page - STMicroelectronics RPC564L60L5CFQR Datasheet HTML 85Page - STMicroelectronics RPC564L60L5CFQR Datasheet HTML 86Page - STMicroelectronics RPC564L60L5CFQR Datasheet HTML 87Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 137 page
background image
DocID026934 Rev 1
83/137
RPC56EL60L5
Package pinouts and signal descriptions
136
Note:
Open Drain can be configured by the PCRn for all pins used as output (except FCCU_F[0]
and FCCU_F[1] ).
I[2]
PCR[13
0]
SIUL
GPIO[130]
ALT0
GPIO[130]
—
—M
S
—
F16
eTimer_2
ETC[2]
ALT1
ETC[2]
PSMI[41];
PADSEL=
1
DSPI_0
CS6
ALT2
—
—
FlexPWM_1
—
—
FAULT[2]
—
I[3]
PCR[13
1]
SIUL
GPIO[131]
ALT0
GPIO[131]
—
—M
S
—
E1
7
eTimer_2
ETC[3]
ALT1
ETC[3]
PSMI[42];
PADSEL=
1
DSPI_0
CS7
ALT2
—
—
CTU_0
EXT_TGR
ALT3
—
—
FlexPWM_1
—
—
FAULT[3]
—
RDY
PCR[13
2]
SIUL
GPIO[132]
ALT0
GPIO[132]
—
—F
S
—
K3
NPC
RDY
ALT2
—
—
1.
Programmable via the SRC (Slew Rate Control) bit in the respective Pad Configuration Register; S = Slow, M = Medium,
F = Fast, SYM = Symmetric (for FlexRay)
2.
The default function of this pin out of reset is ALT1 (TDO).
3.
Analog
Table 7. Pin muxing (continued)
Port
name
PCR
Peripheral
Alternate
output
function
Output
mux sel
Input
functions
Input
mux
select
Weak pull
config
during
reset
Pad
speed(1)
Pin #
SR
C
= 1
SR
C
= 0
144
pk
g
257
pk
g