| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
UM-YROTATE-IT-RX62T Datasheet(PDF) 19 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
UM-YROTATE-IT-RX62T Datasheet(HTML) 19 Page - Renesas Technology Corp |
|
19 / 54 page ![]() RX62T YROTATE-IT-RX62T Motor Control Kit UM-YROTATE-IT-RX62T Rev.1.00 Page 19 of 51 Jan 15, 2014 Supposing that the rotor is rotating at constant speed ω (that is: ϑ(t) = ωt) the flux linkages derivatives can be calculated, and we obtain: ) 3 4 sin( ) 3 2 sin( ) sin( π ϑ ω π ϑ ω ϑ ω − Λ − + = − Λ − + = Λ − + = m b b S c m b b S b m a a S a dt di L i R v dt di L i R v dt di L i R v A “three phases system” may be represented by an equivalent “two phases system”. So the by using specific transformations, our three equations system is equivalent to a two equations system. It is basically a mathematical representation in a new reference coordinates system. In the two phases ( α,β) fixed system the above equations become: dt d i R v dt d i R v S S β β β α α α λ λ + = + = For the magnetic field equations, we got: ) sin( ) cos( ϑ λ λ ϑ λ λ β β β β α α α α m m m m Li Li Li Li Λ + = + = Λ + = + = After performing the derivation: m m m m dt di L dt di L dt d dt di L dt di L dt d α β β β β α α α ωλ ϑ ω λ ωλ ϑ ω λ + = Λ + = − = Λ − = ) cos( ) sin( Finally, we obtain for the voltages in ( α,β) system: m S m S dt di L i R v dt di L i R v α β β β β α α α ωλ ωλ + + = − + = A second reference frame is used to represent the equations as the frame is turning at the rotor speed. So the “d” axis is chosen in the direction of the magnetic vector Λ m, and with the “q” axis orthogonal to the “d” axis. The new reference system is (d, q). |