Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

F303RE Datasheet(PDF) 45 Page - List of Unclassifed Manufacturers

No. de pieza F303RE
Descripción Electrónicos  STM32 Nucleo-64 boards
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ETC2 [List of Unclassifed Manufacturers]
Página de inicio  
Logo ETC2 - List of Unclassifed Manufacturers

F303RE Datasheet(HTML) 45 Page - List of Unclassifed Manufacturers

Back Button F303RE Datasheet HTML 41Page - List of Unclassifed Manufacturers F303RE Datasheet HTML 42Page - List of Unclassifed Manufacturers F303RE Datasheet HTML 43Page - List of Unclassifed Manufacturers F303RE Datasheet HTML 44Page - List of Unclassifed Manufacturers F303RE Datasheet HTML 45Page - List of Unclassifed Manufacturers F303RE Datasheet HTML 46Page - List of Unclassifed Manufacturers F303RE Datasheet HTML 47Page - List of Unclassifed Manufacturers F303RE Datasheet HTML 48Page - List of Unclassifed Manufacturers F303RE Datasheet HTML 49Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 65 page
background image
DocID025833 Rev 9
41/61
UM1724
Hardware layout and configuration
60
Table 19. Arduino connectors on NUCLEO-F410RB
CN No.
Pin No.
Pin name
MCU pin
Function
Left connectors
CN6
power
1NC
-
-
2
IOREF
-
3.3V Ref
3
RESET
NRST
RESET
4
+3V3
-
3.3V input/output
5
+5V
-
5V output
6
GND
-
Ground
7
GND
-
Ground
8
VIN
-
Power input
CN8
analog
1
A0
PA0
ADC1_0
2
A1
PA1
ADC1_1
3
A2
PA4
ADC1_4
4
A3
PB0
ADC1_8
5
A4
PC1 or PB9(1)
ADC1_11 (PC1) or I2C1_SDA (PB9)
6
A5
PC0 or PB8(1)
ADC1_10 (PC0) or I2C1_SCL (PB8)
Right connectors
CN5
digital
10
PB8
D15
I2C1_SCL
9
PB9
D14
I2C1_SDA
8-
AREF
AVDD
7
-
GND
Ground
6
PA5
D13
SPI1_SCK
5
PA6
D12
SPI1_MISO
4
PA7
D11
TIM1_CH1N || SPI1_MOSI
3
PB6
D10
SPI1_CS
2PC7
D9
-
1PA9
D8
-
CN9
digital
8PA8
D7
-
7
PB10
D6
-
6
PB4
D5
-
5
PB5
D4
-
4
PB3
D3
-
3PA10
D2
-
2
PA2
D1
USART2_TX
1
PA3
D0
USART2_RX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com