Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AMM90PS13 Datasheet(PDF) 1 Page - XP Power Limited

No. de pieza AMM90PS13
Descripción Electrónicos  Worldwide Medical Approvals
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  XPPOWER [XP Power Limited]
Página de inicio  http://www.xppower.com
Logo XPPOWER - XP Power Limited

AMM90PS13 Datasheet(HTML) 1 Page - XP Power Limited

  AMM90PS13 Datasheet HTML 1Page - XP Power Limited AMM90PS13 Datasheet HTML 2Page - XP Power Limited AMM90PS13 Datasheet HTML 3Page - XP Power Limited AMM90PS13 Datasheet HTML 4Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Specification
90150 Watts
•
CEC2008 & EISA2007 Compliant
•
Worldwide Medical Approvals
•
Class I and Class II Versions
•
High Power Density
•
High Efficiency
•
Operating Temperature up to +60 °C
•
3 Year Warranty
AMM Series
Input
Input Voltage
• 90 W: 80-264 VAC, derate output power
10% <90 VAC & 15% <85 VAC,
120/150 W: 80-264 VAC, derate output
power 15% <90 VAC & 20% <85 VAC
Input Frequency
• 47-63 Hz
Input Current
• 90 W: 1.2 A at 115 VAC, 0.6 A at 230 VAC
120 W: 1.6 A at 115 VAC, 0.8 A at 230 VAC
150 W: 2 A at 115 VAC, 1.0 A at 230 VAC
Inrush Current
• 60 A max at 115 VAC, 120 A max at
230 VAC, cold start +25 °C
Power Factor
• 0.98 typical
Earth Leakage Current
• 90 µA max at 115 VAC/60 Hz,
(Class I Versions)
150 µA max at 230 VAC/50 Hz
Input Protection
• 90 W: Internal T2.5 A/250 V fuse in line
and neutral lines,
120 W: Internal T3.15 A/250 V fuse in line
and neutral lines,
150 W: Internal T4 A/250 V fuse in line and
neutral lines
No Load Input Power
• <0.5 W
Output
Output Voltage
• See tables
Output Voltage Trim
• Not user-adjustable
Initial Set Accuracy
• ±2%, set at 60% load
Minimum Load
• No minimum load required
Start Up Delay
• 90/120 W: 2 s max at 115 VAC,
150 W: 3 s max at 115 VAC
Start Up Rise Time
• <80 ms at 115 VAC
Hold Up Time
• 15 ms minimum at full load & 115 VAC
Line Regulation
• 0.5% maximum
Load Regulation
• See tables
Transient Response
• 4% max. deviation, recovery to within
1% in 500 µs for a 25% load change
Ripple & Noise
• 2% max pk-pk (see note 1)
Overvoltage Protection
• 110-140% Vnom, recycle input to reset
Overtemperature
• 90/150 W: Unit shuts down, auto recovery
Protection
120 W: Unit shuts down, recycle input
to reset
Overload Protection
• 110-180%, auto recovery
Short Circuit Protection
• Trip and restart (Hiccup mode)
Temperature
• 0.04%/°C
Coefficient
xppower.com
General
Efficiency
• 85% typical
Isolation
• 4000 VAC Input to Output
1500 VAC Input to Ground (Class I only)
500 VAC Output to Ground (Class I only)
Switching Frequency
• 50-110 kHz variable
Power Density
• 90 W: 3.4 W/In3, 120 W: 3.7 W/In3
150 W: 2.9 W/In3
MTBF
• 150 kHrs typical to MIL-HDBK-217F
at 25 şC, GB
Environmental
Operating Temperature
• 0 °C to +60 °C, derate linearly from 100%
power at +40 °C to 50% power at +60 °C
Cooling
• Convection-cooled
Operating Humidity
• 5-95% RH, non-condensing
Storage Temperature
• -40 şC to +85 şC
Operating Altitude
• 3000 m
Shock
• 30 g, 10 ms on 3 axes
Vibration
• 5-100 Hz, 2.31 m/s2, 20 mins, 3 axes
EMC & Safety
Emissions
• EN55011/FCC/VCCI, Class B conducted
EN55011/FCC/VCCI, Class B radiated
Harmonic Currents
• EN61000-3-2, Class A
Voltage Flicker
• EN61000-3-3
ESD Immunity
• EN61000-4-2, level 3 Perf Criteria A
Radiated Immunity
• EN61000-4-3, level 2 Perf Criteria A
EFT/Burst
• EN61000-4-4, level 3 Perf Criteria A
Surge
• EN61000-4-5, level 3 Perf Criteria A
Conducted Immunity
• EN61000-4-6, 3 V Perf Criteria A
Magnetic Field
• EN61000-4-8, 3 A/m Perf Criteria A
Dips & Interruptions
• EN61000-4-11
90/120 W: 70% 10 ms, 40% 100 ms,
<5% 5000 ms, Perf Criteria A, B, B (Perf
Criteria A, A, B with 70% load)
150 W: >95% 10 ms, 60% 100 ms,
<30% 500 ms, Perf Criteria A, B, B
Safety Approvals
• EN60601-1, UL60601-1,
CSA22.2 No. 601-1 per cUL


Número de pieza similar - AMM90PS13

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
XP Power Limited
AMM90PS13 XPPOWER-AMM90PS13 Datasheet
70Kb / 2P
AC-DC Power Supplies
More results

Descripción similar - AMM90PS13

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Emerson Network Power
DPT50-M EMERSON-NETWORKPOWER-DPT50-M Datasheet
660Kb / 2P
Medical safety approvals
LPS50-M EMERSON-NETWORKPOWER-LPS50-M Datasheet
515Kb / 3P
Medical Safety Approvals
LPS60-M EMERSON-NETWORKPOWER-LPS60-M Datasheet
121Kb / 3P
Medical safety approvals
LPS42-M EMERSON-NETWORKPOWER-LPS42-M Datasheet
309Kb / 3P
Medical safety approvals
logo
XP Power Limited
AEM60 XPPOWER-AEM60 Datasheet
143Kb / 2P
Worldwide Medical Approvals
SDU XPPOWER-SDU Datasheet
201Kb / 2P
Medical Approvals
SDM XPPOWER-SDM Datasheet
516Kb / 4P
Medical Approvals
MHP650PS12-EF XPPOWER-MHP650PS12-EF Datasheet
2Mb / 18P
Medical Safety Approvals
logo
Laird Tech Smart Techno...
MMCU4 LSTD-MMCU4 Datasheet
282Kb / 2P
Approvals and frequencies for worldwide deployment
logo
ETA-USA
MTE140-SX-F-W6 ETA-USA-MTE140-SX-F-W6 Datasheet
2Mb / 5P
140W Medical Approvals
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com