Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADP1055ACPZ-R7 Datasheet(PDF) 138 Page - Analog Devices

No. de pieza ADP1055ACPZ-R7
Descripción Electrónicos  Digital Controller for Power Supply Applications with PMBus Interface
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

ADP1055ACPZ-R7 Datasheet(HTML) 138 Page - Analog Devices

Back Button ADP1055ACPZ-R7 Datasheet HTML 132Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 133Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 134Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 135Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 136Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 137Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 138Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 139Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 140Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 138 / 140 page
background image
ADP1055
Data Sheet
Rev. A | Page 138 of 140
Period (ns)
Frequency (kHz)
Exponent
Mantissa
2300
434.7826087
−1
870
2290
436.6812227
−1
873
2280
438.5964912
−1
877
2270
440.5286344
−1
881
2260
442.4778761
−1
885
2250
444.4444444
−1
889
2240
446.4285714
−1
893
2230
448.4304933
−1
897
2220
450.4504505
−1
901
2210
452.4886878
−1
905
2200
454.5454545
−1
909
2190
456.6210046
−1
913
2180
458.7155963
−1
917
2170
460.8294931
−1
922
2160
462.962963
−1
926
2150
465.1162791
−1
930
2140
467.2897196
−1
935
2130
469.4835681
−1
939
2120
471.6981132
−1
943
2110
473.9336493
−1
948
2100
476.1904762
−1
952
2090
478.4688995
−1
957
2080
480.7692308
−1
962
2070
483.0917874
−1
966
2060
485.4368932
−1
971
2050
487.804878
−1
976
2040
490.1960784
−1
980
2030
492.6108374
−1
985
2020
495.049505
−1
990
2010
497.5124378
−1
995
2000
500
−1
1000
1990
502.5125628
−1
1005
1980
505.0505051
−1
1010
1970
507.6142132
−1
1015
1960
510.2040816
−1
1020
1950
512.8205128
0
513
1940
515.4639175
0
515
1930
518.134715
0
518
1920
520.8333333
0
521
1910
523.5602094
0
524
1900
526.3157895
0
526
1890
529.1005291
0
529
1880
531.9148936
0
532
1870
534.7593583
0
535
1860
537.6344086
0
538
1850
540.5405405
0
541
1840
543.4782609
0
543
1830
546.4480874
0
546
1820
549.4505495
0
549
1810
552.4861878
0
552
1800
555.5555556
0
556
1790
558.6592179
0
559
1780
561.7977528
0
562
Period (ns)
Frequency (kHz)
Exponent
Mantissa
1770
564.9717514
0
565
1760
568.1818182
0
568
1750
571.4285714
0
571
1740
574.7126437
0
575
1730
578.0346821
0
578
1720
581.3953488
0
581
1710
584.7953216
0
585
1700
588.2352941
0
588
1690
591.7159763
0
592
1680
595.2380952
0
595
1670
598.8023952
0
599
1660
602.4096386
0
602
1650
606.0606061
0
606
1640
609.7560976
0
610
1630
613.4969325
0
613
1620
617.2839506
0
617
1610
621.1180124
0
621
1600
625
0
625
1590
628.9308176
0
629
1580
632.9113924
0
633
1570
636.9426752
0
637
1560
641.025641
0
641
1550
645.1612903
0
645
1540
649.3506494
0
649
1530
653.5947712
0
654
1520
657.8947368
0
658
1510
662.2516556
0
662
1500
666.6666667
0
667
1490
671.1409396
0
671
1480
675.6756757
0
676
1470
680.2721088
0
680
1460
684.9315068
0
685
1450
689.6551724
0
690
1440
694.4444444
0
694
1430
699.3006993
0
699
1420
704.2253521
0
704
1410
709.2198582
0
709
1400
714.2857143
0
714
1390
719.4244604
0
719
1380
724.6376812
0
725
1370
729.9270073
0
730
1360
735.2941176
0
735
1350
740.7407407
0
741
1340
746.2686567
0
746
1330
751.8796992
0
752
1320
757.5757576
0
758
1310
763.3587786
0
763
1300
769.2307692
0
769
1290
775.1937984
0
775
1280
781.25
0
781
1270
787.4015748
0
787
1260
793.6507937
0
794
1250
800
0
800