Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADP1055ACPZ-R7 Datasheet(PDF) 136 Page - Analog Devices

No. de pieza ADP1055ACPZ-R7
Descripción Electrónicos  Digital Controller for Power Supply Applications with PMBus Interface
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

ADP1055ACPZ-R7 Datasheet(HTML) 136 Page - Analog Devices

Back Button ADP1055ACPZ-R7 Datasheet HTML 132Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 133Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 134Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 135Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 136Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 137Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 138Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 139Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 140Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 136 / 140 page
background image
ADP1055
Data Sheet
Rev. A | Page 136 of 140
Period (ns)
Frequency (kHz)
Exponent
Mantissa
4420
226.2443439
−2
905
4410
226.7573696
−2
907
4400
227.2727273
−2
909
4390
227.7904328
−2
911
4380
228.3105023
−2
913
4370
228.8329519
−2
915
4360
229.3577982
−2
917
4350
229.8850575
−2
920
4340
230.4147465
−2
922
4330
230.9468822
−2
924
4320
231.4814815
−2
926
4310
232.0185615
−2
928
4300
232.5581395
−2
930
4290
233.1002331
−2
932
4280
233.6448598
−2
935
4270
234.1920375
−2
937
4260
234.741784
−2
939
4250
235.2941176
−2
941
4240
235.8490566
−2
943
4230
236.4066194
−2
946
4220
236.9668246
−2
948
4210
237.5296912
−2
950
4200
238.0952381
−2
952
4190
238.6634845
−2
955
4180
239.2344498
−2
957
4170
239.8081535
−2
959
4160
240.3846154
−2
962
4150
240.9638554
−2
964
4140
241.5458937
−2
966
4130
242.1307506
−2
969
4120
242.7184466
−2
971
4110
243.3090024
−2
973
4100
243.902439
−2
976
4090
244.4987775
−2
978
4080
245.0980392
−2
980
4070
245.7002457
−2
983
4060
246.3054187
−2
985
4050
246.9135802
−2
988
4040
247.5247525
−2
990
4030
248.1389578
−2
993
4020
248.7562189
−2
995
4010
249.3765586
−2
998
4000
250
−2
1000
3990
250.6265664
−2
1003
3980
251.2562814
−2
1005
3970
251.8891688
−2
1008
3960
252.5252525
−2
1010
3950
253.164557
−2
1013
3940
253.8071066
−2
1015
3930
254.4529262
−2
1018
3920
255.1020408
−2
1020
3910
255.7544757
−2
1023
3900
256.4102564
−1
513
Period (ns)
Frequency (kHz)
Exponent
Mantissa
3890
257.0694087
−1
514
3880
257.7319588
−1
515
3870
258.3979328
−1
517
3860
259.0673575
−1
518
3850
259.7402597
−1
519
3840
260.4166667
−1
521
3830
261.0966057
−1
522
3820
261.7801047
−1
524
3810
262.4671916
−1
525
3800
263.1578947
−1
526
3790
263.8522427
−1
528
3780
264.5502646
−1
529
3770
265.2519894
−1
531
3760
265.9574468
−1
532
3750
266.6666667
−1
533
3740
267.3796791
−1
535
3730
268.0965147
−1
536
3720
268.8172043
−1
538
3710
269.541779
−1
539
3700
270.2702703
−1
541
3690
271.00271
−1
542
3680
271.7391304
−1
543
3670
272.479564
−1
545
3660
273.2240437
−1
546
3650
273.9726027
−1
548
3640
274.7252747
−1
549
3630
275.4820937
−1
551
3620
276.2430939
−1
552
3610
277.0083102
−1
554
3600
277.7777778
−1
556
3590
278.551532
−1
557
3580
279.3296089
−1
559
3570
280.1120448
−1
560
3560
280.8988764
−1
562
3550
281.6901408
−1
563
3540
282.4858757
−1
565
3530
283.286119
−1
567
3520
284.0909091
−1
568
3510
284.9002849
−1
570
3500
285.7142857
−1
571
3490
286.5329513
−1
573
3480
287.3563218
−1
575
3470
288.184438
−1
576
3460
289.017341
−1
578
3450
289.8550725
−1
580
3440
290.6976744
−1
581
3430
291.5451895
−1
583
3420
292.3976608
−1
585
3410
293.255132
−1
587
3400
294.1176471
−1
588
3390
294.9852507
−1
590
3380
295.8579882
−1
592
3370
296.735905
−1
593