Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CMOS555 Datasheet(PDF) 1 Page - Silicon Laboratories

No. de pieza CMOS555
Descripción Electrónicos  LOWEST SUPPLY CURRENT FOR BATTERY-POWERED APPLICATIONS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SILABS [Silicon Laboratories]
Página de inicio  http://www.silabs.com
Logo SILABS - Silicon Laboratories

CMOS555 Datasheet(HTML) 1 Page - Silicon Laboratories

  CMOS555 Datasheet HTML 1Page - Silicon Laboratories CMOS555 Datasheet HTML 2Page - Silicon Laboratories CMOS555 Datasheet HTML 3Page - Silicon Laboratories  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Rev. 1.0 1/15
Copyright © 2015 by Silicon Laboratories
AN856
AN856
S ILICON L ABS’ TS3004 VS. THE CMOS 555: D ETERMINING
L OWEST S UPPLY C URRENT FOR B ATTERY-P OWERED A PPLICATIONS
1. Introduction
The 555 timer is the workhorse of ICs, with close to a billion of them manufactured every year. Introduced in 1972,
the 555 is still in widespread use because of its ease of use, reasonable price, and good stability. It can be found in
a wide variety of applications for oscillation, timing and pulse generation. But what if you need a timer IC for ultra-
long life, low-frequency battery-powered/portable applications where a low supply current is a requirement? Is the
CMOS555 timer your best option?
In this application note, we will compare the CMOS555 timer to the Silicon Labs’ TS3004, a single-supply timer IC
fully specified to operate over a supply voltage range of 1.55 V to 5.25 V while consuming 1.9
μA supply current.
Requiring only a resistor to set the base output frequency (or output period) with a 50% duty cycle, the TS3004
timer/oscillator is compact, easy-to-use, and versatile.
2. TS3004 vs. the CMOS555
The TS3004 timer has an output frequency range of 0.0043 Hz to 300 kHz while maintaining a very low supply
current. To demonstrate just how low the supply current is for the TS3004, we will compare the supply current
consumption of the TS3004 to a CMOS555 timer side-by-side, with an output frequency of 1 Hz for both timers.
For this example, a Texas Instruments LMC555 is used as the CMOS version of the industry-standard 555 series
of general-purpose timers. The LMC555 offers 1.5 V supply operating voltage and requires a single external
resistor and a capacitor.
First, the output frequencies of both the TS3004 and CMOS555 were set to 1 Hz. To set the TS3004 output
frequency to 1 Hz, the appropriate Frequency Divider Input setting must be selected as well as the necessary
RSET resistance. The equation defining the FOUT frequency is found in the data sheet. As shown in Equation 1,
FOUT is defined by only one external component, the RSET resistor.
Equation 1.
The Frequency Divider Input table in the data sheet shows that the correct setting to obtain a 1 Hz output
frequency is 101, which is equivalent to 5. By substituting the appropriate value of 5 for FDIV2:0 into Equation [1]
and using an output frequency of 1 Hz, the appropriate RSET value of 3.3 M
 can be calculated.
To set the output frequency of the CMOS555 timer to 1 Hz, the oscillating frequency is defined by two external
components, a “C” capacitor, and an “RC” resistor. The equation defining the output frequency is found in the
LMC555 data sheet.
Equation 2.
FOUT
1.08
10
11
8
FDIV2:0
R
SET
-----------------------------------------
=
f
1
1.4
C
R
C
---------------------------------
=


Número de pieza similar - CMOS555

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NEC
CMOS-4 NEC-CMOS-4 Datasheet
289Kb / 6P
CMOS-4
CMOS-4A NEC-CMOS-4A Datasheet
289Kb / 6P
CMOS-4
CMOS-6 NEC-CMOS-6 Datasheet
741Kb / 15P
1.0-MICRON CMOS GATE ARRAYS
CMOS-6A NEC-CMOS-6A Datasheet
741Kb / 15P
1.0-MICRON CMOS GATE ARRAYS
CMOS-6V NEC-CMOS-6V Datasheet
741Kb / 15P
1.0-MICRON CMOS GATE ARRAYS
More results

Descripción similar - CMOS555

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
fujitsu semiconductor
MB39A113 FUJITSU-MB39A113 Datasheet
643Kb / 51P
ASSP for Power Supply Applications (Secondary Battery)
logo
Texas Instruments
TPS80010 TI-TPS80010 Datasheet
5Mb / 22P
PMU for Alkaline Battery-Powered Applications
TPS65290 TI-TPS65290 Datasheet
4Mb / 59P
LOW QUIESCENT CURRENT, MULTI-MODE PMIC FOR BATTERY POWERED
TPS65290 TI1-TPS65290_14 Datasheet
4Mb / 60P
LOW QUIESCENT CURRENT, MULTI-MODE PMIC FOR BATTERY POWERED, ENERGY HARVESTING APPLICATIONS
logo
Rohm
BD71805MWV ROHM-BD71805MWV Datasheet
3Mb / 100P
System PMIC for Battery Powered Systems
BD71815AGW ROHM-BD71815AGW Datasheet
2Mb / 107P
System PMIC for Battery Powered Systems
logo
Analog Devices
UG-065 AD-UG-065 Datasheet
524Kb / 12P
Battery-powered for portable applications
Rev. A
logo
Panasonic Semiconductor
EKMB1100100 PANASONIC-EKMB1100100 Datasheet
1Mb / 4P
Low current consumption for battery-driven applications
logo
Texas Instruments
TPS652170 TI1-TPS652170 Datasheet
1Mb / 85P
Programmable PMIC for Battery-Powered Systems
logo
Microchip Technology
MCP1811A MICROCHIP-MCP1811A Datasheet
1Mb / 18P
Ultra-Low Quiescent Current LDO Regulator for Long-Life Battery-Powered Applications
08/15/18
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com