Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

EM342-RTR Datasheet(PDF) 89 Page - Silicon Laboratories

No. de pieza EM342-RTR
Descripción Electrónicos  High-Performance, Integrated RF4CE System-on-Chip
PDF  143 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SILABS [Silicon Laboratories]
Página de inicio  http://www.silabs.com
Logo SILABS - Silicon Laboratories

EM342-RTR Datasheet(HTML) 89 Page - Silicon Laboratories

Back Button EM342-RTR Datasheet HTML 85Page - Silicon Laboratories EM342-RTR Datasheet HTML 86Page - Silicon Laboratories EM342-RTR Datasheet HTML 87Page - Silicon Laboratories EM342-RTR Datasheet HTML 88Page - Silicon Laboratories EM342-RTR Datasheet HTML 89Page - Silicon Laboratories EM342-RTR Datasheet HTML 90Page - Silicon Laboratories EM342-RTR Datasheet HTML 91Page - Silicon Laboratories EM342-RTR Datasheet HTML 92Page - Silicon Laboratories EM342-RTR Datasheet HTML 93Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 143 page
background image
EM342
Rev 1.0
89
SC1_TXBEGA: Address: 0x4000C810 Reset: 0x20000000
SC_RXACTB
[1]
R
This bit is set when DMA receive buffer B is active.
SC_RXACTA
[0]
R
This bit is set when DMA receive buffer A is active.
Register 8.15. SC1_TXBEGA: Transmit DMA Begin Address Register A
Bit
31
30
29
28
27
26
25
24
Name
0
0
1
0
0
0
0
0
Bit
23
22
21
20
19
18
17
16
Name
0
0
0
0
0
0
0
0
Bit
15
14
13
12
11
10
9
8
Name
0
0
SC_TXBEGA
Bit
7
6
5
4
3
2
1
0
Name
SC_TXBEGA
Bitname
Bitfield
Access
Description
SC_TXBEGA
[13:0]
RW
DMA transmit buffer A start address.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More