Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AS5403A-HTST Datasheet(PDF) 56 Page - ams AG

No. de pieza AS5403A-HTST
Descripción Electrónicos  3D Hall Position Sensor for Linear and Off-Axis Applications
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AMSCO [ams AG]
Página de inicio  http://www.ams.com
Logo AMSCO - ams AG

AS5403A-HTST Datasheet(HTML) 56 Page - ams AG

Back Button AS5403A-HTST Datasheet HTML 52Page - ams AG AS5403A-HTST Datasheet HTML 53Page - ams AG AS5403A-HTST Datasheet HTML 54Page - ams AG AS5403A-HTST Datasheet HTML 55Page - ams AG AS5403A-HTST Datasheet HTML 56Page - ams AG AS5403A-HTST Datasheet HTML 57Page - ams AG AS5403A-HTST Datasheet HTML 58Page - ams AG AS5403A-HTST Datasheet HTML 59Page - ams AG AS5403A-HTST Datasheet HTML 60Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 66 page
background image
Page 56
ams Datasheet
Document Feedback
[v1-06] 2015-Aug-28
AS5403A/D/E − Device Configuration
Sensor Placement
Two 3D Hall pixels each with an X-/Y-/Z-sensor are arranged in
a line on the X-axis parallel to the chip edge, 2.5mm distant from
each other.
3D Hall pixel positions relative to chip centre are:
Pixel 1: -1250
μm
Pixel 0: 1250
μm
Figure 84:
3D Hall Pixel Arrangement
3D Hall
Pixel 1
3D Hall
Pixel 0
2.5 mm
1.25 mm
1.25 mm
1
Tolerance: ± 0.235 mm
To
le
ra
n
ce
:
±
0
.2
3
5
m
m



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66