| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
AS5047P Datasheet(PDF) 30 Page - ams AG |
|
|
|||||||||||||||||||||||||||||
AS5047P Datasheet(HTML) 30 Page - ams AG |
|
30 / 40 page ![]() Page 30 ams Datasheet Document Feedback [v1-00] 2014-Oct-31 AS5047P − Application Information Figure 39: OTP Memory Burn and Verification Flowchart correct START Write reg(0x0018) Write reg(0x0019) Set the magnet to the zero position Write Reg(0x0017(5:0))= reg(0x3FFF(5:0)) Reg(0x0016(7:0))= reg(0x3FFF(13:6)) Read Reg(0x0016) Reg(0x0017) Reg(0x0018) Reg(0x0019) Write Reg(0x0003)=0x08 Write Reg(0x0016)=0x00 Reg(0x0017)=0x00 Reg(0x0018=0x00 Reg(0x0019)=0x00 Power-on cycle Read Reg(0x0016) Reg(0x0017) Reg(0x0018) Reg(0x0016) Write Reg(0x0003)=0x40 Verify 2 correct Read ANGLE Write Angle into ZPOSL and ZPOSM Read reg(0x3FFF) Read Register step 1 Comparison of written content (settings and angle) with content of Read Register step 1* Unlock OTParea for read/write (PROGEN=1) Read OTP_CTRL Set Guardband Refresh memory with OTP content Read Register step 2 Comparison of written content (settings and angle) with content of Read Register step 2* Mandatory Guardband-Test Read Register step 3 Verify 1 Clear memory Start OTP burning procedure (PROGOTP=1) Power on cycle AS5047P settings Position of the magnet to the zero position Write Reg(0x0003)=0x01 Write Reg(0x0003)=0x08 Read Reg(0x0003) Reg(0x0003)=0x00 NO OTP burning procedure complete if Reg(0x0003) =0x00 YES Unlock OTParea for read/write (PROGEN=1) Write Reg(0003)=0x04 Read Reg(0x0016) Reg(0x0017) Reg(0x0018) Reg(0x0016) Guardbandtest fails. Wrong programming. Reprogramming not allowed Not correct Verify 3 Comparison of written content (settings and angle) with content of Read Register step 3* END Wrong programming Reprogramming not allowed Not correct END Correct programming and verification correct Not correct * During the comparison the bit0 of settings1 has to be ignored. This bit is pre-programmed. |