Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AS3608 Datasheet(PDF) 7 Page - ams AG

No. de pieza AS3608
Descripción Electrónicos  System PMU with HV Back Light Driver
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AMSCO [ams AG]
Página de inicio  http://www.ams.com
Logo AMSCO - ams AG

AS3608 Datasheet(HTML) 7 Page - ams AG

Back Button AS3608 Datasheet HTML 3Page - ams AG AS3608 Datasheet HTML 4Page - ams AG AS3608 Datasheet HTML 5Page - ams AG AS3608 Datasheet HTML 6Page - ams AG AS3608 Datasheet HTML 7Page - ams AG AS3608 Datasheet HTML 8Page - ams AG AS3608 Datasheet HTML 9Page - ams AG AS3608 Datasheet HTML 10Page - ams AG AS3608 Datasheet HTML 11Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 68 page
background image
www.austriamicrosystems.com
Revision 1.03
6 - 67
AS3608 2v2
Data Sheet - P i n A s s i g n m e n t s
VSUP1
13
SUP IN
CVDD1 Step Down Pos. Supply Terminal
always needed
LXC1
14
DIG OUT
CVDD1 Step Down Switch Output to Coil
open
CVDD1
15
ANA IN
CVDD1 and Feedback Pin
open
CURR2
16
ANA IO
Load Current Sink2 Terminal
open
CURR1
17
ANA IO
Load Current Sink1 Terminal
open
LXSU
18
DIG OUT
DCDC Step-Up Switch Output to Coil
open
FBSU
19
ANA IN
DCDC Step-Up Feed-Back
open
GPIO4
20
ANA IO
General Purpose IO 4
open
GPIO2
21
ANA IO
General Purpose IO 2
open
GPIO1
22
ANA IO
General Purpose IO 1
open
GPIO3
23
ANA IO
General Purpose IO 3
open
CSCL
24
DIG IN
2-wire SERIF Clock Input
open
CSDA
25
DIG IO
2-wire SERIF Data I/O
open
PWRUP
26
DIG IN
Power Up Input
open
XIRQ
27
DIG OUT
Interrupt Request Output
open
XRES
28
DIG IO
Reset Output
open
DVDD
29
SUP IN
Digital Periphery Pos. Supply Terminal
always needed
VSUP3
30
SUP IN
CVDD3 Step Down Pos. Supply Terminal
VSUPx
LXC3
31
DIG OUT
CVDD3 Step Down Switch Output to Coil
open
CVDD3
32
ANA IN
CVDD3 and Feedback Pin
open
CVDD2
33
ANA IN
CVDD2 and Feedback Pin
open
LXC2
34
DIG OUT
CVDD2 Step Down Switch Output to Coil
open
VSUP2
35
SUP IN
CVDD2 Step Down Pos. Supply Terminal
always needed
VBATSW
36
SUP IO
Battery Switch Terminal to be connected to the Li-Ion battery
open
VSS
37
SUP IO
Exposed Pad: Neg. Supply Terminal for all blocks
always needed
Table 1. Pin Description for AS3608
Pin Name
Pin Number
Type
Description
if not used
AS3608



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68