| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
LMP8480MMX-S/NOPB Datasheet(PDF) 23 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
LMP8480MMX-S/NOPB Datasheet(HTML) 23 Page - Texas Instruments |
|
23 / 29 page ![]() PACKAGE OPTION ADDENDUM www.ti.com 23-Sep-2015 Addendum-Page 1 PACKAGING INFORMATION Orderable Device Status (1) Package Type Package Drawing Pins Package Qty Eco Plan (2) Lead/Ball Finish (6) MSL Peak Temp (3) Op Temp (°C) Device Marking (4/5) Samples LMP8480MM-T/NOPB ACTIVE VSSOP DGK 8 1000 Green (RoHS & no Sb/Br) CU SN Level-1-260C-UNLIM -40 to 125 AV8A LMP8480MME-S/NOPB ACTIVE VSSOP DGK 8 250 Green (RoHS & no Sb/Br) CU SN Level-1-260C-UNLIM -40 to 125 AY8A LMP8480MME-T/NOPB ACTIVE VSSOP DGK 8 250 Green (RoHS & no Sb/Br) CU SN Level-1-260C-UNLIM -40 to 125 AV8A LMP8480MMX-S/NOPB ACTIVE VSSOP DGK 8 3500 Green (RoHS & no Sb/Br) CU SN Level-1-260C-UNLIM -40 to 125 AY8A LMP8480MMX-T/NOPB ACTIVE VSSOP DGK 8 3500 Green (RoHS & no Sb/Br) CU SN Level-1-260C-UNLIM -40 to 125 AV8A LMP8481MM-H/NOPB ACTIVE VSSOP DGK 8 1000 Green (RoHS & no Sb/Br) CU SN Level-1-260C-UNLIM -40 to 125 AH9A LMP8481MM-S/NOPB ACTIVE VSSOP DGK 8 1000 Green (RoHS & no Sb/Br) CU SN Level-1-260C-UNLIM -40 to 125 AA9A LMP8481MM-T/NOPB ACTIVE VSSOP DGK 8 1000 Green (RoHS & no Sb/Br) CU SN Level-1-260C-UNLIM -40 to 125 AT9A LMP8481MME-H/NOPB ACTIVE VSSOP DGK 8 250 Green (RoHS & no Sb/Br) CU SN Level-1-260C-UNLIM -40 to 125 AH9A LMP8481MME-S/NOPB ACTIVE VSSOP DGK 8 250 Green (RoHS & no Sb/Br) CU SN Level-1-260C-UNLIM -40 to 125 AA9A LMP8481MME-T/NOPB ACTIVE VSSOP DGK 8 250 Green (RoHS & no Sb/Br) CU SN Level-1-260C-UNLIM -40 to 125 AT9A LMP8481MMX-H/NOPB ACTIVE VSSOP DGK 8 3500 Green (RoHS & no Sb/Br) CU SN Level-1-260C-UNLIM -40 to 125 AH9A LMP8481MMX-S/NOPB ACTIVE VSSOP DGK 8 3500 Green (RoHS & no Sb/Br) CU SN Level-1-260C-UNLIM -40 to 125 AA9A LMP8481MMX-T/NOPB ACTIVE VSSOP DGK 8 3500 Green (RoHS & no Sb/Br) CU SN Level-1-260C-UNLIM -40 to 125 AT9A (1) The marketing status values are defined as follows: ACTIVE: Product device recommended for new designs. LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect. NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in a new design. PREVIEW: Device has been announced but is not in production. Samples may or may not be available. OBSOLETE: TI has discontinued the production of the device. |