| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
H7CX-R11W-N Datasheet(PDF) 2 Page - Omron Electronics LLC |
|
|
|||||||||||||||||||||||||||||
H7CX-R11W-N Datasheet(HTML) 2 Page - Omron Electronics LLC |
|
2 / 56 page ![]() 2 H7CX-@-N Other Features The front color can be changed simply by replacing the Front Panel. The Front Panel can be replaced with an optional Front Panel (sold separately) with a different color to match the installation site. Select from black, white, and light gray (except for models with tachometer function only). Universal NPN/PNP Input DC 2-wire sensors can be connected for a wide range of input devices. Waterproof, Dust-proof Structure (UL508 Type 4X and IP66) Worry-free application is possible in locations subject to water. Note: When the Y92S-29 Waterproof Packing is used. Key Protection Select from any of seven protection patterns. Use the best one for the application. New Functions Many useful functions have been added, including a Twin Counter Mode and many tachometer functions to handle even more applications. New Tachometer Functions • Control with two independent inputs (independent measurements, differential, absolute ratio, and error ratio) • Peak/bottom hold function • Output hysteresis setting • Output OFF delay • Switching the measurement method (pulse cycle/pulse width) • Startup time • Auto-zero time • Averaging method/Number of averaging times • AMD-compatible Mode Model Number Structure Model Configuration *1. Set the tachometer input mode from the function setting mode to switch to the tachometer function. White Light gray Black (Standard) Only the Front Panel can be replaced. H7CX Series Model H7CX-A-series Multifunction Preset Counter H7CX-R-series Digital Tachometer Classification Preset counter Preset counter/tachometer Tachometer Model H7CX-A @-N H7CX-A4W @-N H7CX-AW @-N/-AU@-N H7CX-R11 @-N H7CX-R11W @-N Function 1-stage preset counter Yes Yes Yes No 2-stage preset counter No Yes Yes No Total and preset counter Yes Yes Yes No Batch counter No Yes Yes No Dual counter No Yes Yes No Twin counter No Yes Yes No Tachometer No No Yes*1 Yes Tachometer input No No Yes 1 input or 2 inputs (independent measurements, differential, absolute ratio value, and error ratio value) Yes 1 input Yes 2 inputs (independent measurement) only Settings 1-stage 2-stage 1-stage External connections 11-pin socket Screw terminals 11-pin socket Display color of present value Red Red, green, or orange Red Display digits 4 or 6 digits 4 digits 6 digits 6 digits |