Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LMV321IDBVR Datasheet(PDF) 29 Page - Texas Instruments

Click here to check the latest version.
No. de pieza LMV321IDBVR
Descripción Electrónicos  Low-Voltage Rail-to-Rail Output Operational Amplifiers
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

LMV321IDBVR Datasheet(HTML) 29 Page - Texas Instruments

Back Button LMV321IDBVR Datasheet HTML 25Page - Texas Instruments LMV321IDBVR Datasheet HTML 26Page - Texas Instruments LMV321IDBVR Datasheet HTML 27Page - Texas Instruments LMV321IDBVR Datasheet HTML 28Page - Texas Instruments LMV321IDBVR Datasheet HTML 29Page - Texas Instruments LMV321IDBVR Datasheet HTML 30Page - Texas Instruments LMV321IDBVR Datasheet HTML 31Page - Texas Instruments LMV321IDBVR Datasheet HTML 32Page - Texas Instruments LMV321IDBVR Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 50 page
background image
Device
Package
Type
Package
Drawing
Pins
SPQ
Reel
Diameter
(mm)
Reel
Width
W1 (mm)
A0
(mm)
B0
(mm)
K0
(mm)
P1
(mm)
W
(mm)
Pin1
Quadrant
LMV358IDR
SOIC
D
8
2500
330.0
12.4
6.4
5.2
2.1
8.0
12.0
Q1
LMV358IDR
SOIC
D
8
2500
330.0
12.4
6.4
5.2
2.1
8.0
12.0
Q1
LMV358IDR
SOIC
D
8
2500
330.0
12.8
6.4
5.2
2.1
8.0
12.0
Q1
LMV358IDRG4
SOIC
D
8
2500
330.0
12.4
6.4
5.2
2.1
8.0
12.0
Q1
LMV358IPWR
TSSOP
PW
8
2000
330.0
12.4
7.0
3.6
1.6
8.0
12.0
Q1
LMV358IPWR
TSSOP
PW
8
2000
330.0
12.4
7.0
3.6
1.6
8.0
12.0
Q1
LMV358QDDUR
VSSOP
DDU
8
3000
180.0
8.4
2.25
3.35
1.05
4.0
8.0
Q3
LMV358QDGKR
VSSOP
DGK
8
2500
330.0
12.4
5.3
3.4
1.4
8.0
12.0
Q1
LMV358QDR
SOIC
D
8
2500
330.0
12.4
6.4
5.2
2.1
8.0
12.0
Q1
LMV358QPWR
TSSOP
PW
8
2000
330.0
12.4
7.0
3.6
1.6
8.0
12.0
Q1
*All dimensions are nominal
Device
Package Type
Package Drawing
Pins
SPQ
Length (mm)
Width (mm)
Height (mm)
LMV321IDBVR
SOT-23
DBV
5
3000
180.0
180.0
18.0
LMV321IDBVT
SOT-23
DBV
5
250
205.0
200.0
33.0
LMV321IDBVT
SOT-23
DBV
5
250
180.0
180.0
18.0
LMV321IDCKR
SC70
DCK
5
3000
205.0
200.0
33.0
LMV321IDCKR
SC70
DCK
5
3000
180.0
180.0
18.0
LMV321IDCKT
SC70
DCK
5
250
180.0
180.0
18.0
LMV321IDCKT
SC70
DCK
5
250
205.0
200.0
33.0
PACKAGE MATERIALS INFORMATION
www.ti.com
20-Aug-2015
Pack Materials-Page 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50