| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
DM7410 Datasheet(PDF) 1 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
DM7410 Datasheet(HTML) 1 Page - National Semiconductor (TI) |
|
1 / 4 page ![]() TLF6500 June 1989 5410DM5410DM7410 Triple 3-Input NAND Gates General Description This device contains three independent gates each of which performs the logic NAND function Features Y Alternate MilitaryAerospace device (5410) is available Contact a National Semiconductor Sales OfficeDistrib- utor for specifications Connection Diagram Dual-In-Line Package TLF6500 – 1 Order Number 5410DMQB 5410FMQB DM5410J DM5410W or DM7410N See NS Package Number J14A N14A or W14B Function Table Y e ABC Inputs Output ABC Y XX L H XL X H LX X H HH H L H e High Logic Level L e Low Logic Level X e Either Low or High Logic Level C1995 National Semiconductor Corporation RRD-B30M105Printed in U S A |
Número de pieza similar - DM7410 |
|
Descripción similar - DM7410 |