| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
MPC8255 Datasheet(PDF) 7 Page - Motorola, Inc |
|
|
|||||||||||||||||||||||||||||
MPC8255 Datasheet(HTML) 7 Page - Motorola, Inc |
|
7 / 48 page ![]() MOTOROLA MPC826xA (HiP4) Family Hardware Specifications 7 Electrical and Thermal Characteristics 1.2.1 DC Electrical Characteristics This section describes the DC electrical characteristics for the MPC826xA. Table 1 shows the maximum electrical ratings. Table 2 lists recommended operational voltage conditions. NOTE: Core, PLL, and I/O Supply Voltages VDDH, VCCSYN, and VDD must track each other and both must vary in the same direction—in the positive direction (+5% and +0.1 Vdc) or in the negative direction (-5% and -0.1 Vdc). This device contains circuitry protecting against damage due to high static voltage or electrical fields; however, it is advised that normal precautions be taken to avoid application of any voltages higher than Table 1. Absolute Maximum Ratings1 1 Absolute maximum ratings are stress ratings only; functional operation (see Table 2) at the maximums is not guaranteed. Stress beyond those listed may affect device reliability or cause permanent damage. Rating Symbol Value Unit Core supply voltage2 2 Caution: VDD/VCCSYN must not exceed VDDH by more than 0.4 V at any time, including during power-on reset. VDD -0.3 – 2.5 V PLL supply voltage2 VCCSYN -0.3 – 2.5 V I/O supply voltage3 3 Caution: VDDH can exceed VDD/VCCSYN by 3.3 V during power on reset by no more than 100 mSec. VDDH should not exceed VDD/VCCSYN by more than 2.5 V during normal operation. VDDH -0.3 – 4.0 V Input voltage4 4 Caution: VIN must not exceed VDDH by more than 2.5 V at any time, including during power-on reset. VIN GND(-0.3) – 3.6 V Junction temperature Tj 120 ˚C Storage temperature range TSTG (-55) – (+150) ˚C Table 2. Recommended Operating Conditions1 1 Caution: These are the recommended and tested operating conditions. Proper device operating outside of these conditions is not guaranteed. Rating Symbol Value Unit Core supply voltage VDD 1.7 – 1.92 2 CPU frequency less than or equal to 200 MHz. 1.7–2.13 3 CPU frequency greater than 200 MHz but less than 233 MHz. 1.9 –2.24 4 CPU frequency greater than or equal to 233 MHz. V PLL supply voltage VCCSYN 1.7 – 1.92 1.7–2.13 1.9–2.24 V I/O supply voltage VDDH 3.135 – 3.465 V Input voltage VIN GND (-0.3) – 3.465 V Junction temperature (maximum) Tj 1055 5 Note that for extended temperature parts the range is (-40) TA – 105Tj. ˚C Ambient temperature TA 0–705 ˚C |