Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LMT85LP Datasheet(PDF) 18 Page - Texas Instruments

Click here to check the latest version.
No. de pieza LMT85LP
Descripción Electrónicos  SC70/TO-92, Analog Temperature Sensors with Class-AB Output
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

LMT85LP Datasheet(HTML) 18 Page - Texas Instruments

Back Button LMT85LP Datasheet HTML 14Page - Texas Instruments LMT85LP Datasheet HTML 15Page - Texas Instruments LMT85LP Datasheet HTML 16Page - Texas Instruments LMT85LP Datasheet HTML 17Page - Texas Instruments LMT85LP Datasheet HTML 18Page - Texas Instruments LMT85LP Datasheet HTML 19Page - Texas Instruments LMT85LP Datasheet HTML 20Page - Texas Instruments LMT85LP Datasheet HTML 21Page - Texas Instruments LMT85LP Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 26 page
background image
PACKAGE OPTION ADDENDUM
www.ti.com
13-Aug-2015
Addendum-Page 1
PACKAGING INFORMATION
Orderable Device
Status
(1)
Package Type Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead/Ball Finish
(6)
MSL Peak Temp
(3)
Op Temp (°C)
Device Marking
(4/5)
Samples
LMT85DCKR
ACTIVE
SC70
DCK
5
3000
Green (RoHS
& no Sb/Br)
CU SN
Level-1-260C-UNLIM
-50 to 150
BPA
LMT85DCKT
ACTIVE
SC70
DCK
5
250
Green (RoHS
& no Sb/Br)
CU SN
Level-1-260C-UNLIM
-50 to 150
BPA
LMT85LP
ACTIVE
TO-92
LP
3
1800
Green (RoHS
& no Sb/Br)
CU SN
N / A for Pkg Type
-50 to 150
LMT85
LMT85LPM
ACTIVE
TO-92
LP
3
2000
Green (RoHS
& no Sb/Br)
CU SN
N / A for Pkg Type
-50 to 150
LMT85
LMT85QDCKRQ1
ACTIVE
SC70
DCK
5
3000
Green (RoHS
& no Sb/Br)
CU SN
Level-1-260C-UNLIM
-50 to 150
BRA
LMT85QDCKTQ1
ACTIVE
SC70
DCK
5
250
Green (RoHS
& no Sb/Br)
CU SN
Level-1-260C-UNLIM
-50 to 150
BRA
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2) Eco Plan - The planned eco-friendly classification: Pb-Free (RoHS), Pb-Free (RoHS Exempt), or Green (RoHS & no Sb/Br) - please check http://www.ti.com/productcontent for the latest availability
information and additional product content details.
TBD: The Pb-Free/Green conversion plan has not been defined.
Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements for all 6 substances, including the requirement that
lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes.
Pb-Free (RoHS Exempt): This component has a RoHS exemption for either 1) lead-based flip-chip solder bumps used between the die and package, or 2) lead-based die adhesive used between
the die and leadframe. The component is otherwise considered Pb-Free (RoHS compatible) as defined above.
Green (RoHS & no Sb/Br): TI defines "Green" to mean Pb-Free (RoHS compatible), and free of Bromine (Br) and Antimony (Sb) based flame retardants (Br or Sb do not exceed 0.1% by weight
in homogeneous material)
(3) MSL, Peak Temp. - The Moisture Sensitivity Level rating according to the JEDEC industry standard classifications, and peak solder temperature.
(4) There may be additional marking, which relates to the logo, the lot trace code information, or the environmental category on the device.
(5) Multiple Device Markings will be inside parentheses. Only one Device Marking contained in parentheses and separated by a "~" will appear on a device. If a line is indented then it is a continuation
of the previous line and the two combined represent the entire Device Marking for that device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com