Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AM29F016D-90SE Datasheet(PDF) 33 Page - Advanced Micro Devices

No. de pieza AM29F016D-90SE
Descripción Electrónicos  16 Megabit (2 M x 8-Bit) CMOS 5.0 Volt-only, Uniform Sector Flash Memory
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AMD [Advanced Micro Devices]
Página de inicio  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29F016D-90SE Datasheet(HTML) 33 Page - Advanced Micro Devices

Back Button AM29F016D-90SE Datasheet HTML 29Page - Advanced Micro Devices AM29F016D-90SE Datasheet HTML 30Page - Advanced Micro Devices AM29F016D-90SE Datasheet HTML 31Page - Advanced Micro Devices AM29F016D-90SE Datasheet HTML 32Page - Advanced Micro Devices AM29F016D-90SE Datasheet HTML 33Page - Advanced Micro Devices AM29F016D-90SE Datasheet HTML 34Page - Advanced Micro Devices AM29F016D-90SE Datasheet HTML 35Page - Advanced Micro Devices AM29F016D-90SE Datasheet HTML 36Page - Advanced Micro Devices AM29F016D-90SE Datasheet HTML 37Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 45 page
background image
32
Am29F016D
AC CHARACTERISTICS
OE#
CE#
Addresses
VCC
WE#
Data
2AAh
SA
tAH
tWP
tWC
tAS
tWPH
555h for chip erase
10 for Chip Erase
30h
tDS
tVCS
tCS
tDH
55h
tCH
In
Progress
Complete
tWHWH2
VA
VA
RY/BY#
tRB
tBUSY
Note:
SA = Sector Address. VA = Valid Address for reading status data.
Figure 12.
Chip/Sector Erase Operation Timings



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com