Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

G543 Datasheet(PDF) 1 Page - Global Mixed-mode Technology Inc

No. de pieza G543
Descripción Electrónicos  Power Distribution Switch
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  GMT [Global Mixed-mode Technology Inc]
Página de inicio  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc

G543 Datasheet(HTML) 1 Page - Global Mixed-mode Technology Inc

  G543 Datasheet HTML 1Page - Global Mixed-mode Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Ver: 0.2
Mar 13, 2012
TEL: 886-3-5788833
http://www.gmt.com.tw
1
G543
Global Mixed-mode Technology
Power Distribution Switch
Features
70m
Ω High-Side MOSFET
Internal Current Limit to 3.3A (TYP)
Operating Range:2.7V to 5.5V
1mS Typical Rise Time
Fast Overcurrent Response:3µS (TYPICAL)
Under voltage Lockout
100µA Quiescent Supply Current
1µA Maximum Shutdown Supply Current
Logic Level Enable Pin, Available with
Active-High or Active-Low Version
No Reverse Current when Power Off
Deglitched Open-Drain Over-Current Flag
Output (
OC )
MSOP-8 Package
Applications
High-Side Power Protection Switch
USB Power Management
Hot Plug-In Power Supplies
Battery-Charger Circuits
General Description
The
G543
is
an
integrated
power
switch
for
self-powered. The G543 has a typical RDS(ON) of
70mohm.
Several Protection features include current limiting
with foldback, and thermal shutdown to prevent catas-
trophic switch failure caused by increasing power dis-
sipation when continuous heavy loads or short circuit
occurs. A built-in charge pump is used to drive the
N-channel MOSFET that is free of parasitic body diode
to eliminate any reversed current flow across the
switch when it is powered off.
OC is open-drain output report over-current or
over-temperature event and has typical 9ms deglitch
timeout period.
Ordering Information
ORDER
NUMBER
MARKING
ENABLE
Current
Limit
Output
MOS
RDS(ON)
Output
Shutdown
Resistor
TEMP.
RANGE
PACKAGE
(Green)
G543A1P81U
G543A1
Active High
3.3A
70mhom
No
-40°C to +85°C
MSOP-8
G543A2P81U
G543A2
Active Low
3.3A
70mhom
No
-40°C to +85°C
MSOP-8
Note: P8: MSOP-8
1: Bonding Code
U: Tape & Reel
Pin Configuration
Typical Application Circuit
0.1µF
22µF
Load
OC
EN(EN)
1µF
Power Supply
2.7V to 5.5V
OUT
IN
ON
OFF
*
*: 1µF of input capacitor is enough in most application cases.
If the PCB trace of power rail to IN is long, larger input capacitor is necessary.
G543
8
6
5
1
2
3
4
GND
MSOP-8
G543
7
OUT
EN (EN)
OUT
OC
IN
IN
NC
0.1µF
22µF
Load
OC
EN(EN)
1µF
Power Supply
2.7V to 5.5V
OUT
IN
ON
OFF
*
*: 1µF of input capacitor is enough in most application cases.
If the PCB trace of power rail to IN is long, larger input capacitor is necessary.
G543
8
6
5
1
2
3
4
GND
MSOP-8
G543
7
OUT
EN (EN)
OUT
OC
IN
IN
NC


Número de pieza similar - G543

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Heyco.
G5431 HEYCO-G5431 Datasheet
131Kb / 1P
Plugs for Threaded Ports
G5432 HEYCO-G5432 Datasheet
131Kb / 1P
Plugs for Threaded Ports
G5433 HEYCO-G5433 Datasheet
131Kb / 1P
Plugs for Threaded Ports
G5434 HEYCO-G5434 Datasheet
131Kb / 1P
Plugs for Threaded Ports
G5435 HEYCO-G5435 Datasheet
131Kb / 1P
Plugs for Threaded Ports
More results

Descripción similar - G543

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Micrel Semiconductor
MIC2537 MICREL-MIC2537_11 Datasheet
86Kb / 12P
Quad Power Distribution Switch Quad Power Distribution Switch
logo
Global Mixed-mode Techn...
G553 GMT-G553 Datasheet
179Kb / 1P
Power Distribution Switch
logo
Unisonic Technologies
US3X77 UTC-US3X77_15 Datasheet
628Kb / 10P
POWER DISTRIBUTION SWITCH
logo
Global Mixed-mode Techn...
G557 GMT-G557 Datasheet
75Kb / 1P
Power Distribution Switch
G548S GMT-G548S Datasheet
123Kb / 1P
Power Distribution Switch
G5250 GMT-G5250 Datasheet
90Kb / 1P
Power Distribution Switch
logo
Unisonic Technologies
US3X77 UTC-US3X77_17 Datasheet
636Kb / 10P
POWER DISTRIBUTION SWITCH
US3075 UTC-US3075_15 Datasheet
603Kb / 9P
POWER DISTRIBUTION SWITCH
logo
List of Unclassifed Man...
G547E ETC1-G547E Datasheet
1Mb / 15P
Power Distribution Switch
logo
Global Mixed-mode Techn...
G524A GMT-G524A_V01 Datasheet
2Mb / 19P
Power Distribution Switch
Ver: 0.94 Aug 02, 2016
More results


Html Pages

1


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com