| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
LS3101 Datasheet(PDF) 1 Page - BOWIN ELECTRONIC CO. |
|
|
|||||||||||||||||||||||||||||
LS3101 Datasheet(HTML) 1 Page - BOWIN ELECTRONIC CO. |
|
1 / 7 page ![]() LSI LS3101 Simple LCD micro-controller Features : * 12 Input pad, 3 output pad * Direct drive buzzer output. * 1024x12 bit ROM * 48x4 bit of RAM. * 16x3 LCD segment mask option * 32768 Crystal/RC oscillator mask option * Single 1.5V operation. * Low cost and low price. * 1/2 bias, 1/3 duty cycle LCD format General Description The LSI3101 is a simple micro-controller for LCD application. It has an internal ROM size of 1Kx12bit. A 48x4 bit of RAM. 16x3 LCD segment. |
Número de pieza similar - LS3101 |
|
Descripción similar - LS3101 |