Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MT88L89AE Datasheet(PDF) 8 Page - Mitel Networks Corporation

No. de pieza MT88L89AE
Descripción Electrónicos  3V Integrated DTMFTransceiver with Adaptive Micro Interface
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MITEL [Mitel Networks Corporation]
Página de inicio  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MT88L89AE Datasheet(HTML) 8 Page - Mitel Networks Corporation

Back Button MT88L89AE Datasheet HTML 4Page - Mitel Networks Corporation MT88L89AE Datasheet HTML 5Page - Mitel Networks Corporation MT88L89AE Datasheet HTML 6Page - Mitel Networks Corporation MT88L89AE Datasheet HTML 7Page - Mitel Networks Corporation MT88L89AE Datasheet HTML 8Page - Mitel Networks Corporation MT88L89AE Datasheet HTML 9Page - Mitel Networks Corporation MT88L89AE Datasheet HTML 10Page - Mitel Networks Corporation MT88L89AE Datasheet HTML 11Page - Mitel Networks Corporation MT88L89AE Datasheet HTML 12Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
MT88L89
4-132
Table 2. Actual Frequencies Versus Standard
Requirements
Distortion Calculations
The MT88L89 is capable of producing precise tone
bursts with minimal error in frequency (see Table 2).
The internal summing amplifier is followed by a first-
order lowpass switched capacitor filter to minimize
harmonic components and intermodulation products.
The total harmonic distortion for a
single tone can be
calculated using Equation 1, which is the ratio of the
total power of all the extraneous frequencies to the
power of the fundamental frequency expressed as a
percentage.
Equation 1. THD (%) For a Single Tone
The
Fourier
components
of
the
tone
output
correspond to V2f.... Vnf as measured on the output
waveform. The total harmonic distortion for a
dual
tone can be calculated using Equation 2. VL and VH
correspond to the low group amplitude and high
group amplitude, respectively and V2IMD is the sum
of all the intermodulation components. The internal
switched-capacitor filter following the D/A converter
keeps distortion products down to a very low level as
shown in Figure 10.
Equation 2. THD (%) For a Dual Tone
ACTIVE
INPUT
OUTPUT FREQUENCY (Hz)
%ERROR
SPECIFIED
ACTUAL
L1
697
699.1
+0.30
L2
770
766.2
-0.49
L3
852
847.4
-0.54
L4
941
948.0
+0.74
H1
1209
1215.9
+0.57
H2
1336
1331.7
-0.32
H3
1477
1471.9
-0.35
H4
1633
1645.0
+0.73
THD (%) = 100
Vfundamental
V22f + V
2
3f + V
2
4f + .... V
2
nf
V2L + V
2
H
V22L + V
2
3L + .... V
2
nL + V
2
2H +
V23H + .. V
2
nH + V
2
IMD
THD (%) = 100
DTMF Clock Circuit
The internal clock circuit is completed with the
addition of a standard television colour burst crystal
having a resonant frequency of 3.579545 MHz. A
number of MT88L89 devices can be connected as
shown in Figure 11 such that only one crystal is
required. Alternatively, the OSC1 inputs on all
devices can be driven from a TTL buffer with the
OSC2 outputs left unconnected.
Figure 11 - Common Crystal Connection
Microprocessor Interface
The MT88L89 design incorporates an adaptive
interface, which allows it to be connected to various
kinds of microprocessors. Key functions of this
interface include the following:
Continuous activity on DS/RD is not necessary
to update the internal status registers.
senses whether input timing is that of an Intel or
Motorola controller by monitoring the DS (RD),
R/W (WR) and CS inputs.
generates equivalent CS signal for internal
operation for all processors.
differentiates between multiplexed and non-
multiplexed microprocessor buses. Address
and data are latched in accordingly.
compatible with Motorola and Intel processors.
Figure 16 shows the timing diagram for Motorola
microprocessors with separate address and data
buses.
Members
of
this
microprocessor
family
include 2 MHz versions of the MC6800, MC6802 and
MC6809. For the MC6809, the chip select (CS) input
signal is formed by NANDing the (E+Q) clocks and
address
decode
output.
For
the
MC6800
and
MC6802, CS is formed by NANDing VMA and
address decode output. On the falling edge of CS,
the internal logic senses the state of data strobe
MT88L89
OSC1
OSC2
MT88L89
OSC1
OSC2
MT88L89
OSC1
OSC2
3.579545 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com