| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
34VL025 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
34VL025 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers |
|
1 / 3 page ![]() Product Datasheet www.Applied-Motion.com 34VL025 NEMA 34 Planetary Gearhead 1pc. - 796.00 50pc. - 796.00 Product Features Normally available in 48 hours – see Description below for details True planetary design Compact design Sealed ball bearings Heat treated gears High efficiency design AGMA gear quality Other ratios available in 2-4 week lead time: 20, 28, 40, 50, 100 Applied Motion Products, Inc. 404 Westridge Dr. Watsonville, CA 95076, USA 1-800-525-1609 Tel (831) 761-6555 Fax (831) 761- 6544 The 34VL025 planetary gearhead offers true planetary performance at an excellent price. High strength, heated treated gears provide for efficient transmission of torque and accurate speed matching. Additional mounting hardware is required to mount this gearhead to any of the following motors: Stepper motors HT34-504, HT34-505, and HT34-506. Servo motors M0750-102-5-000, M0750-152-5-000, M0600- 102-5-000, M0600-152-5-000, and all N series NEMA 34 servo motors with model format of Nxxx-xxx-C-xxx. Please note that the charge for the adaptor is $150 and lead time will be extended by 2-4 weeks. Additional hardware is also required for the HT34-487, HT34-490, and HT34-497 stepper motors, which will extend the lead time to 2-4 weeks. An additional charge will apply for any VL series gearhead chosen for use with one of these motors. Description |
Número de pieza similar - 34VL025 |
|
Descripción similar - 34VL025 |