Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

34VL020 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

No. de pieza 34VL020
Descripción Electrónicos  NEMA 34 Planetary Gearhead
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ETC2 [List of Unclassifed Manufacturers]
Página de inicio  
Logo ETC2 - List of Unclassifed Manufacturers

34VL020 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  34VL020 Datasheet HTML 1Page - List of Unclassifed Manufacturers 34VL020 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
1pc.
25pc.
50pc.
100pc.
Request a Quote for 100+ piece pricing.
Pricing
Frame Size:
NEMA 34
Ratio:
20:1
Torque, Nominal:
830 in-lb
Torque, Max Accel:
1046 in-lb
Length:
4.26 inches
Weight:
5.0 lbs
Input Speed:
5000 rpm max
Backlash:
16
Low Backlash:
0
IP Rating:
IP54
Service Life:
> 10,000 hours
Efficiency:
85%
Inertia:
3.611E-03 oz-in-sec
Notes:
# All torque ratings are based upon 3,000 rpm nominal input speed and 10,000
hours minimum service life. # E-Stop torque rating is limited to 1,000 occurrences. #
Gearhead length based on NEMA motor mounting. # Efficiency rated at 3,000 rpm
input speed at Nominal Rated Torque. # Gearhead inertia values shown include
pinion, clamp, and sleeve, and are for standard NEMA mounting.
Datasheet:
http://s3.amazonaws.com/applied-motion-pdf/34VL020.pdf
3D Drawing:
34VL-2STG.igs
Specifications
2
Downloads



Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com