Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MH88435AD-PI Datasheet(PDF) 8 Page - Mitel Networks Corporation

No. de pieza MH88435AD-PI
Descripción Electrónicos  Data Access Arrangement Preliminary Information
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MITEL [Mitel Networks Corporation]
Página de inicio  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MH88435AD-PI Datasheet(HTML) 8 Page - Mitel Networks Corporation

Back Button MH88435AD-PI Datasheet HTML 4Page - Mitel Networks Corporation MH88435AD-PI Datasheet HTML 5Page - Mitel Networks Corporation MH88435AD-PI Datasheet HTML 6Page - Mitel Networks Corporation MH88435AD-PI Datasheet HTML 7Page - Mitel Networks Corporation MH88435AD-PI Datasheet HTML 8Page - Mitel Networks Corporation MH88435AD-PI Datasheet HTML 9Page - Mitel Networks Corporation MH88435AD-PI Datasheet HTML 10Page - Mitel Networks Corporation MH88435AD-PI Datasheet HTML 11Page - Mitel Networks Corporation MH88435AD-PI Datasheet HTML 12Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
MH88435-P
Preliminary Information
2-46
.
*Exceeding these values may cause permanent damage. Functional operation under these conditions is not implied.
‡ Typical figures are at 25˚C with nominal +5V supply and are for design aid only
Electrical Characteristics are over Recommended Operating Conditions unless otherwise stated.
‡Typical figures are at 25
°C with nominal + 5V supplies and are for design aid only.
Note 1: Refer to EIA/TIA 464 section 4.1.1.4.4.
Note 2: This is equivalent to 10M
Ω leakage Tip/Ring to Ground. For countries requiring 100MΩ leakage use the MH88436 with an
enhanced leakage specification.
Note 3: Operation at low loop currents depends on the DC programming resistor between VLoop1/2. The recommended 360K value
will support V34 operation down to 20mA. Voice operation is supported down to 15mA.
Absolute Maximum Ratings* - All voltages are with respect to AGND unless otherwise specified.
Parameter
Sym
Min
Max
Units
Comments
1
DC Supply Voltage
VCC
-0.3
6
V
2
Storage Temperature
TS
-55
+125
˚C
3
DC Loop Voltage
VBAT
-110
+110
V
4
Ringing Voltage
VR
150
Vrms
VBAT = -56V
5
Loop Current
ILoop
90
mA
6
Ring Trip Current
ITRIP
180
mArms
250ms 10% duty cycle or
500ms single shot
Recommended Operating Conditions
Parameter
Sym
Min
Typ
Max
Units
Test Conditions
1
DC Supply Voltages
VCC
4.75
5.0
5.25
V
2
Operating Temperatures
Industrial Temperature
TOP
0
-40
25
70
+85
˚C
3
Ringing Voltage
VR
75
90
Vrms
Loop Electrical Characteristics † -
Characteristics
Sym
Min
Typ
Max
Units
Test Conditions
1
Ringing Voltage threshold
VR
710
14
Vrms
Externally Adjustable
2
Ringing Frequency
15
68
Hz
3
Operating Loop Current
15
80
mA
Note 3
4
Off-Hook DC Voltage
Tip/Ring
6.0
6.0
7.8
V
V
V
Test circuit as Fig. 4
ILoop=15mA )Note 1
ILoop=20mA )where R2
=ILoop=26mA ) 360kΩ
5
Leakage Current
(Tip or Ring to AGND)
10
7
µA
mA
rms
100V DC Note 2.
1000V AC
6
Leakage Current on-hook
(Tip to Ring)
910
µAV
BAT = -50V
7
Dial Pulse Delay
ON
OFF
0
0
+2
+2
+4
+4
ms
ms
8
Loop Condition Detect Threshold
Off-Hook
516
V
Voltage across tip and
ring



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com