Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

NCS2300 Datasheet(PDF) 2 Page - ON Semiconductor

No. de pieza NCS2300
Descripción Electrónicos  Headset Detection Interface Interface
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCS2300 Datasheet(HTML) 2 Page - ON Semiconductor

  NCS2300 Datasheet HTML 1Page - ON Semiconductor NCS2300 Datasheet HTML 2Page - ON Semiconductor NCS2300 Datasheet HTML 3Page - ON Semiconductor NCS2300 Datasheet HTML 4Page - ON Semiconductor NCS2300 Datasheet HTML 5Page - ON Semiconductor NCS2300 Datasheet HTML 6Page - ON Semiconductor NCS2300 Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
NCS2300
http://onsemi.com
2
L_detect
GND_detect
MIC
OUT
6
3
4
2
5
1
VDD
GND
to baseband
GPIO
M
G
R
L
MIC
GND
R
L
L_detect
GND_detect
L/R to audio
codec
VDD
MIC bias
voltage
2.2k
NCS2300
Figure 1. Typical Application Schematic
NCS2300
270k
1M
VDD
L_detect
VDD
GND_detect
MIC
OUT
6
3
4
2
5
1
VDD
GND
VDD
VDD
1M
1M
Reference voltage
accurate within 5%
VDD
VDD
+
Figure 2.
Block Diagram



Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com