| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
LX1669CD Datasheet(PDF) 1 Page - Microsemi Corporation |
|
|
|||||||||||||||||||||||||||||
LX1669CD Datasheet(HTML) 1 Page - Microsemi Corporation |
|
1 / 14 page ![]() LIN D OC #: 1669 DESCRIPTION KEY FEA TURES s 5-Bit Programmable Output For CPU Core Supply s Power Solution For Pentium II Processors s No Sense Resistor Required For Short-Circuit Current Limiting s Soft-Start And Hiccup-Mode Current Limiting Functions s Modulated Constant Off-Time Control Mechanism For Fast Transient Response And Simple System Design s Power Good Flag s Over-Voltage Pin Can Drive SCR Crowbar Or Turn Off Signal Silver-Box Power Supply s Digital-Compatible Inputs (Including VID Pins) The LX1669 is a Monolithic Switching Regulator Controller IC designed to provide a low cost, high performance adjustable power supply for advanced microprocessors and other applications requiring a very fast transient response and a high degree of accuracy. It provides a programmable switching regulator out- put suitable for powering Pentium® II and other processors. Programmable Synchronous Recti- fier Driver for CPU Core. The main output is adjustable from 1.3 to 3.5V using a TTL-compatible 5-bit digital code to meet Intel specifications. The IC can read the signal from a DIP-switch, hardwired to Pentium II processor’s pins or from soft- ware. The 5-bit code adjusts the output voltage between 1.30 and 2.05V in 50mV increments, and between 2.0 and 3.5V in 100mV increments. The device can drive dual MOSFET’s resulting in typical effi- ciencies of 85 – 90%, even with loads in excess of 10A. Short-circuit Current Limiting with- out Expensive Current Sense Resis- tors. The current sensing mechanism can use a PCB trace resistance or the parasitic resistance of the main inductor. For applications requiring a high degree of accuracy, a conventional sense resistor can be used. Ultra-Fast Transient Response Re- duces System Cost. The fixed frequency modulated off-time architecture results in the fastest transient response for a given inductor. Small Package Size. The LX1669 is available in an economical 16-pin narrow body SOIC package. PRODUCT HIGHLIGHT P ROGRAMMABLE DC:DC C ONTROLLER P RODUCTION D AT A S HEET T HE I NFINITE P OWER OF I NNOV A TION APPLICA TIONS s Socket 7 Processor Supplies s Pentium II Processor Supplies s Deschutes CPU & L2-Cache Memory Supplies s Voltage Regulator Modules s General Purpose And Microprocessor DC:DC Supplies Note: All surface-mount packages are available in Tape & Reel, append the letter "T" to part number. (i.e. LX1669CDT) P ACKAGE ORDER INFO T A (°C) 0 to 70 LX1669CD Copyright © 1999 Rev. 1.0 4/99 1 11861 WESTERN AVENUE, GARDEN GROVE, CA. 92841, 714-898-8121, FAX: 714-893-2570 L IN F INITY M ICROELECTRONICS I NC . 5V CPU Core V CORE C2 1500µFx3 Q1 IRL3102 Q2 IRL3303 L1 2.5µH C1 1500µF x 6 R SENSE 2.5m Ω C8 1µF TDRV V CC12 V CC5 PWRGD OVP VID0 VID1 VID2 PGND BDRV AGND SS/EN V FB V CORE VID4 VID3 8 VID3 VID4 VID2 VID1 VID0 C3 1µF 12V 7 6 5 4 3 2 1 11 12 13 14 15 16 9 10 L2, 1µH Q4* SCR 2N6504 R3 10k Ω C SS 0.1µF PWRGD * Q4 optional OVP crowbar Plastic SOIC 16-pin D LX1669 NOTE: For current data & package dimensions, visit our web site: http://www.linfinity.com. |
Número de pieza similar - LX1669CD |
|
Descripción similar - LX1669CD |