| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
CF1155 Datasheet(PDF) 6 Page - Nippon Precision Circuits Inc |
|
|
|||||||||||||||||||||||||||||
CF1155 Datasheet(HTML) 6 Page - Nippon Precision Circuits Inc |
|
6 / 7 page ![]() CF1155 series NIPPON PRECISION CIRCUITS—6 TYPICAL APPLICATION The circuits below represent the standard connections for CF1155 series devices. Note 1: There are 2 V SS pads, and either pad can be used. Note 2: Circuit 1 is for one-shot mode, circuit 2 for level hold 1/2 modes, and circuit 3 for CdS connection. The bonding options for the above circuits is shown in the following table. Circuit 1 Circuit 2 OUT VSS VDD OUT OSH LH VSS Piezoelectric buzzer OUT VSS VDD OUT OSH LH VSS Piezoelectric buzzer Circuit 3 OUT VSS VDD OUT OSH LH VSS Piezoelectric buzzer Light O S H L H Melod y mode Yes Yes L evel hold 1 Yes L evel hold 2 Yes One-shot |