| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
AS0260CSSC28SUD20 Datasheet(PDF) 57 Page - ON Semiconductor |
|
|
|||||||||||||||||||||||||||||
AS0260CSSC28SUD20 Datasheet(HTML) 57 Page - ON Semiconductor |
|
57 / 83 page ![]() AS0260 DS Rev. G Pub. 5/15 EN 57 ©Semiconductor Components Industries, LLC, 2015. AS0260: 1/6-Inch 1080P High-Definition (HD) System-On-A-Chip (SOC) Digi- tal Image Sensor Figure 32: UVC Sharpness Control Flow The UVC sharpness control is implemented as a relative adjustment to the 'lowlight' sharpness, as shown in Figure 2. For example, Table 15 shows how the UVC sharpness control affects a nominal lowlight sharpness of three. The actual sharpness value used is limited to the range 0 to +7. To ensure no sharpening is applied, set UVC sharpness to -7. The UVC sharpness control is effectively a clamp on the adaptive sharpness range that the SOC can apply. The clamp ranges are shown in Table 16. Table 15: UVC Adjustment of Lowlight Sharpness Lowlight Sharpness UVC Sharpness Actual Sharpness 30 +3 3+3 +6 3+7 +7 3-3 0 3-7 0 Table 16: UVC Sharpness vs. Adaptive Sharpness Range UVC sharpness setting Adaptive sharpness range -7 0 -6 0 to 1 -5 0 to 2 -4 0 to 3 -3 0 to 4 -2 0 to 5 -1 0 to 6 00 to 7 Start Sharpness Stop Sharpness Brightness-Metric Interpolation Lowlight Sharpness UVC Sharpness + Actual Sharpness Lowlight |