| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
ML6460CS Datasheet(PDF) 10 Page - Micro Linear Corporation |
|
|
|||||||||||||||||||||||||||||
ML6460CS Datasheet(HTML) 10 Page - Micro Linear Corporation |
|
10 / 30 page ![]() ML6460 10 FIELD (1,2 and 3,4) FIELD (ODD/EVEN) H L H L ANALOG FIELDS 1 & 2 ANALOG FIELDS 3 & 4 ANALOG FIELDS 1 & 2 ODD EVEN ODD EVEN ODD EVEN Figure 2a. FIELD Pin Output Summary active edge of HSYNC HSYNC VSYNC coincident interval for HRESET_MODE=0 64 pixels –32 pixels active edge of HSYNC HSYNC VSYNC coincident interval for HRESET_MODE=1 64 pixels active edge of VSYNC active edge of VSYNC Figure 3. Coincident Valid Sync Intervals for External Slave Mode PIXEL SYNCHRONIZATION Master Mode In this mode, the active edge of horizontal sync pulse through the HSYNC pin (configured as an output) indicates the beginning of an active video line (or the beginning of the horizontal blanking) and the multiplexed YCrCb pixel data must be synchronized to this edge for proper video location, as well as the proper demultiplexing of YCrCb values. This synchronization, as shown in Figures 4 through 5a, is controlled by SEL_HSYNC1 (B14) and SEL_HSYNC0 (B13). Figures 4 and 4a show synchronization for active edge at the beginning of active video for positive or negative HSYNC polarity while Figures 5 and 5a show synchronization for active edge at the beginning of horizontal blanking for positive or negative HSYNC polarity. FUNCTIONAL DESCRIPTION (Continued) |