| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
BAT54STBG-AN3-R Datasheet(PDF) 1 Page - Unisonic Technologies |
|
|
|||||||||||||||||||||||||||||
BAT54STBG-AN3-R Datasheet(HTML) 1 Page - Unisonic Technologies |
|
1 / 3 page ![]() UNISONIC TECHNOLOGIES CO., LTD BAT54STB DIODE www.unisonic.com.tw 1 of 3 Copyright © 2014 Unisonic Technologies Co., Ltd QW-R601-053.C SCHOTTKY BARRIER (DUAL) DIODES DESCRIPTION Planar Schottky barrier diodes are encapsulated in the SOT-523 small plastic SMD package. Single diodes and dual diodes with different pin configuration are available. FEATURES * Low forward voltage * Guard ring protected * Small plastic SMD package SYMBOL ORDERING INFORMATION Ordering Number Package Pin Assignment Packing 1 2 3 BAT54STBG-AN3-R SOT-523 K1 A2 K2A1 Tape Reel Note: Pin Assignment: A: Anode K: Cathode (1) R: Tape Reel (2) AN3: SOT-523 (3) G: Halogen Free and Lead Free BAT54STBG-AN3-R (1)Packing Type (2)Package Type (3)Green Package MARKING |
Número de pieza similar - BAT54STBG-AN3-R |
|
Descripción similar - BAT54STBG-AN3-R |