| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
S2ML-SMB-R Datasheet(PDF) 1 Page - Unisonic Technologies |
|
|
|||||||||||||||||||||||||||||
S2ML-SMB-R Datasheet(HTML) 1 Page - Unisonic Technologies |
|
1 / 3 page ![]() UNISONIC TECHNOLOGIES CO., LTD S2M Preliminary DIODE www.unisonic.com.tw 1 of 3 Copyright © 2014 Unisonic Technologies Co., Ltd QW-R601-222.a SURFACE MOUNT GENERAL RECTIFIER DESCRIPTION The UTC S2M is a surface mount general rectifier, it uses UTC’s advanced technology to provide customers with high forward surge current and low reverse leakage, etc. The UTC S2M is suitable for surface mounted applications. FEATURES * Low reverse leakage * High forward surge current capability SYMBOL SMB (JEDEC DO-214AA) + - ORDERING INFORMATION Ordering Number Package Pin Assignment Packing Lead Free Halogen Free 1 2 S2ML-SMB-R S2MG-SMB-R SMB K A Tape Reel Note: Pin Assignment: A: Anode K: Cathode MARKING INFORMATION PACKAGE MARKING SMB |
Número de pieza similar - S2ML-SMB-R |
|
Descripción similar - S2ML-SMB-R |