| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
ABS4UL-ABS-R Datasheet(PDF) 1 Page - Unisonic Technologies |
|
|
|||||||||||||||||||||||||||||
ABS4UL-ABS-R Datasheet(HTML) 1 Page - Unisonic Technologies |
|
1 / 3 page ![]() UNISONIC TECHNOLOGIES CO., LTD ABS2U THRU ABS10U SCHOTTKY BRIDGE www.unisonic.com.tw 1 of 3 Copyright © 2015 Unisonic Technologies Co., Ltd QW-R202-054.A 1.0A SCHOTTKY BRIDGE RECTIFIER DESCRIPTION The UTC ABS2U THRU ABS10U is a schottky bridge rectifiers, it uses UTC’s advanced technology to provide customers with low forward voltage drop and high current capability, etc. The UTC ABS2U THRU ABS10U is suitable for surface mount application. FEATURES * Low forward voltage drop * High current capability * High surge current capability * Designed for surface mount application SYMBOL ABS - + ORDERING INFORMATION Ordering Number Package Packing ABS2UL-ABS-R ABS Tape Reel ABS4UL-ABS-R ABS Tape Reel ABS6UL-ABS-R ABS Tape Reel ABS8UL-ABS-R ABS Tape Reel ABS10UL-ABS-R ABS Tape Reel MARKING |
Número de pieza similar - ABS4UL-ABS-R |
|
Descripción similar - ABS4UL-ABS-R |