| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
REG710 Datasheet(PDF) 19 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
REG710 Datasheet(HTML) 19 Page - Texas Instruments |
|
19 / 32 page ![]() PACKAGE OPTION ADDENDUM www.ti.com 24-Apr-2015 Addendum-Page 1 PACKAGING INFORMATION Orderable Device Status (1) Package Type Package Drawing Pins Package Qty Eco Plan (2) Lead/Ball Finish (6) MSL Peak Temp (3) Op Temp (°C) Device Marking (4/5) Samples REG71050DDCR ACTIVE SOT DDC 6 3000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM -40 to 85 GAAI REG71050DDCRG4 ACTIVE SOT DDC 6 3000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM -40 to 85 GAAI REG71050DDCT ACTIVE SOT DDC 6 250 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM -40 to 85 GAAI REG71050DDCTG4 ACTIVE SOT DDC 6 250 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM -40 to 85 GAAI REG71050DRVR ACTIVE SON DRV 6 3000 Green (RoHS & no Sb/Br) CU NIPDAU Level-2-260C-1 YEAR -40 to 85 CFF REG71050DRVRG4 ACTIVE SON DRV 6 3000 Green (RoHS & no Sb/Br) CU NIPDAU Level-2-260C-1 YEAR -40 to 85 CFF REG71050DRVT ACTIVE SON DRV 6 250 Green (RoHS & no Sb/Br) CU NIPDAU Level-2-260C-1 YEAR -40 to 85 CFF REG71055DDCR ACTIVE SOT DDC 6 3000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM -40 to 85 R10H REG71055DDCRG4 ACTIVE SOT DDC 6 3000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM -40 to 85 R10H REG71055DDCT ACTIVE SOT DDC 6 250 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM -40 to 85 R10H REG71055DDCTG4 ACTIVE SOT DDC 6 250 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM -40 to 85 R10H REG710NA-2.5/250 ACTIVE SOT-23 DBV 6 250 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM -40 to 85 R10G REG710NA-2.5/250G4 ACTIVE SOT-23 DBV 6 250 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM -40 to 85 R10G REG710NA-2.5/3K OBSOLETE SOT-23 DBV 6 TBD Call TI Call TI -40 to 85 R10G REG710NA-2.5/3KG4 OBSOLETE SOT-23 DBV 6 TBD Call TI Call TI -40 to 85 REG710NA-2.7/250 ACTIVE SOT-23 DBV 6 250 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM -40 to 85 R10F REG710NA-3.3/250 ACTIVE SOT-23 DBV 6 250 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM -40 to 85 R10C REG710NA-3.3/250G4 ACTIVE SOT-23 DBV 6 250 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM -40 to 85 R10C |