Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

PIC16LC620-20/SS Datasheet(PDF) 38 Page - Microchip Technology

No. de pieza PIC16LC620-20/SS
Descripción Electrónicos  EPROM-Based 8-Bit CMOS Microcontroller
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MICROCHIP [Microchip Technology]
Página de inicio  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16LC620-20/SS Datasheet(HTML) 38 Page - Microchip Technology

Back Button PIC16LC620-20/SS Datasheet HTML 34Page - Microchip Technology PIC16LC620-20/SS Datasheet HTML 35Page - Microchip Technology PIC16LC620-20/SS Datasheet HTML 36Page - Microchip Technology PIC16LC620-20/SS Datasheet HTML 37Page - Microchip Technology PIC16LC620-20/SS Datasheet HTML 38Page - Microchip Technology PIC16LC620-20/SS Datasheet HTML 39Page - Microchip Technology PIC16LC620-20/SS Datasheet HTML 40Page - Microchip Technology PIC16LC620-20/SS Datasheet HTML 41Page - Microchip Technology PIC16LC620-20/SS Datasheet HTML 42Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 108 page
background image
PIC16C62X
DS30235G-page 38
Preliminary
© 1998 Microchip Technology Inc.
7.1
Comparator Configuration
There
are
eight
modes
of
operation
for
the
comparators. The CMCON register is used to select the
mode. Figure 7-2 shows the eight possible modes. The
TRISA register controls the data direction of the com-
parator pins for each mode. If the comparator mode is
changed, the comparator output level may not be valid
for the specified mode change delay shown in
Table 12-2.
Note:
Comparator interrupts should be disabled
during a comparator mode change other-
wise a false interrupt may occur.
FIGURE 7-2:
COMPARATOR I/O OPERATING MODES
-
+
C1
VIN-
VIN+
Off
(Read as '0')
RA0/AN0
RA3/AN3
A
A
CM<2:0> = 000
-
+
C2
VIN-
VIN+
Off
(Read as '0')
RA1/AN1
RA2/AN2
A
A
-
+
C1
VIN-
VIN+
Off
(Read as '0')
RA0/AN0
RA3/AN3
D
D
CM<2:0> = 111
-
+
C2
VIN-
VIN+
Off
(Read as '0')
RA1/AN1
RA2/AN2
D
D
-
+
C1
VIN-
VIN+
C1OUT
RA0/AN0
RA3/AN3
A
A
-
+
C2
VIN-
VIN+
C2OUT
RA1/AN1
RA2/AN2
A
A
CM<2:0> = 100
-
+
C1
VIN-
VIN+
C1OUT
RA0/AN0
RA3/AN3
A
A
-
+
C2
VIN-
VIN+
C2OUT
RA1/AN1
RA2/AN2
A
A
From VREF Module
-
+
C1
VIN-
VIN+
C1OUT
RA0/AN0
RA3/AN3
A
D
-
+
C2
VIN-
VIN+
C2OUT
RA1/AN1
RA2/AN2
A
A
CM<2:0> = 011
RA4 Open Drain
-
+
C1
VIN-
VIN+
C1OUT
RA0/AN0
RA3/AN3
A
D
-
+
C2
VIN-
VIN+
C2OUT
RA1/AN1
RA2/AN2
A
A
CM<2:0> = 110
-
+
C1
VIN-
VIN+
Off
(Read as '0')
RA0/AN0
RA3/AN3
D
D
CM<2:0> = 101
-
+
C2
VIN-
VIN+
C2OUT
RA1/AN1
RA2/AN2
A
A
-
+
C1
VIN-
VIN+
C1OUT
RA0/AN0
RA3/AN3
A
A
-
+
C2
VIN-
VIN+
C2OUT
RA1/AN1
RA2/AN2
A
A
CM<2:0> = 001
CIS=0
CIS=1
Comparators Reset
Two Independent Comparators
Two Common Reference Comparators
One Independent Comparator
Three Inputs Multiplexed to
Two Common Reference Comparators with Outputs
Four Inputs Multiplexed to
Comparators Off
Two Comparators
Two Comparators
CM<2:0> = 010
CIS=0
CIS=1
CIS=0
CIS=1
A = Analog Input, Port Reads Zeros Always
D = Digital Input
CIS = CMCON<3>, Comparator Input Switch