Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

16F627 Datasheet(PDF) 10 Page - Microchip Technology

No. de pieza 16F627
Descripción Electrónicos  FLASH-Based 8-Bit CMOS Microcontrollers
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MICROCHIP [Microchip Technology]
Página de inicio  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

16F627 Datasheet(HTML) 10 Page - Microchip Technology

Back Button 16F627 Datasheet HTML 6Page - Microchip Technology 16F627 Datasheet HTML 7Page - Microchip Technology 16F627 Datasheet HTML 8Page - Microchip Technology 16F627 Datasheet HTML 9Page - Microchip Technology 16F627 Datasheet HTML 10Page - Microchip Technology 16F627 Datasheet HTML 11Page - Microchip Technology 16F627 Datasheet HTML 12Page - Microchip Technology 16F627 Datasheet HTML 13Page - Microchip Technology 16F627 Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 160 page
background image
PIC16F62X
DS40300B-page 10
Preliminary
© 1999 Microchip Technology Inc.
FIGURE 3-1:
BLOCK DIAGRAM
Note 1:
Higher order bits are from the STATUS register.
Device
Memory
FLASH
Program
RAM
Data
EEPROM
Data
PIC16F627
1024 x 14
224 x 8
128 x 8
PIC16F628
2048 x 14
224 x 8
128 x 8
PIC16LF627
1024 x 14
224 x 8
128 x 8
PIC16LF628
2048 x 14
224 x 8
128 x 8
FLASH
Program
Memory
13
Data Bus
8
14
Program
Bus
Instruction reg
Program Counter
8 Level Stack
(13-bit)
RAM
File
Registers
Direct Addr
7
RAM Addr (1)
9
Addr MUX
Indirect
Addr
FSR reg
STATUS reg
MUX
ALU
W reg
Power-up
Timer
Oscillator
Start-up Timer
Power-on
Reset
Watchdog
Timer
Instruction
Decode &
Control
Timing
Generation
OSC1/CLKIN
OSC2/CLKOUT
MCLR
VDD, VSS
PORTA
PORTB
RA4/T0CK1/CMP2
RA5/MCLR/THV
RB0/INT
8
8
Brown-out
Detect
USART
CCP1
Timer0
Timer1
Timer2
RA3/AN3/CMP1
RA2/AN2/VREF
RA1/AN1
RA0/AN0
8
3
Data EEPROM
RB1/RX/DT
RB2/TX/CK
RB3/CCP1
RB4/PGM
RB5
RB6/T1OSO/T1CKI
RB7/T1OSI
Low-Voltage
Programming
RA6/OSC2/CLKOUT
RA7/OSC1/CLKIN
VREF
Comparator