Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SM3471AB Datasheet(PDF) 3 Page - Nippon Precision Circuits Inc

No. de pieza SM3471AB
Descripción Electrónicos  Input frequency - 300kHz - max
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NPC [Nippon Precision Circuits Inc]
Página de inicio  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM3471AB Datasheet(HTML) 3 Page - Nippon Precision Circuits Inc

  SM3471AB Datasheet HTML 1Page - Nippon Precision Circuits Inc SM3471AB Datasheet HTML 2Page - Nippon Precision Circuits Inc SM3471AB Datasheet HTML 3Page - Nippon Precision Circuits Inc SM3471AB Datasheet HTML 4Page - Nippon Precision Circuits Inc SM3471AB Datasheet HTML 5Page - Nippon Precision Circuits Inc SM3471AB Datasheet HTML 6Page - Nippon Precision Circuits Inc SM3471AB Datasheet HTML 7Page - Nippon Precision Circuits Inc SM3471AB Datasheet HTML 8Page - Nippon Precision Circuits Inc SM3471AB Datasheet HTML 9Page - Nippon Precision Circuits Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
SM3471AB
SEIKO NPC CORPORATION - 3
BLOCK DIAGRAM
SPECIFICATIONS
Absolute Maximum Ratings
VSS=0V
Parameter
Symbol
Condition
Rating
Unit
Supply voltage 1*1
VDD
VDD pin
–0.3 to +6.5
V
Input voltage*1,*4
VIN
Input pins*6
–0.3 to VDD+0.3
V
Output voltage*1,*4
VOUT
Output pins*7
–0.3 to VDD+0.3
V
Output current*2
IOUT
Output pins*7
-1.8 to 1.8
mA
Junction temperature*3
Tj
+150
°C
Power dissipation*1
PD
Ta=25°C
*8
1570
mW
Storage temperature*5
Tstg1
–40 to +125
°C
*1. Parameters must not exceed the ratings, not even momentarily. If the rating is exceeded, there is a risk of IC failure, deterioration in characteristics,
and decrease in reliability.
*2. Parameter must not exceed the rating on average. If the rating is exceeded, there is a risk of IC failure, deterioration in characteristics and decrease in
reliability.
*3. Parameter should not exceed the rating. If the rating is exceeded, there is a risk of deterioration in characteristics and decrease in reliability.
*4. VDD value is the recommended operating voltage rating.
*5. Stored separately without packing material in Nitrogen or vacuum atmosphere.
*6. SEL0, SEL1, ZSEL,A,AN, B, BN, Z, and ZN terminals.
*7. DA, DB, and DZ terminals.
*8. 114.3×76.2×1.6mm, 150% wiring ratio, FR-4 4-layer board (with thermal pad connections). Dissipation will vary due to differences in board
specifications and footprint pattern.
DA
DB
DZ
Interpolation
A
AN
B
BN
Z
ZN
AMP
VDD
VSS
Buffer
Buffer
Buffer
SEL0
SEL1
ZSEL
VREF
Vref



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com