Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TC7117CPL Datasheet(PDF) 19 Page - Microchip Technology

No. de pieza TC7117CPL
Descripción Electrónicos  3-1/2 Digit Analog-to-Digital Converters with Hold
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MICROCHIP [Microchip Technology]
Página de inicio  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC7117CPL Datasheet(HTML) 19 Page - Microchip Technology

Back Button TC7117CPL Datasheet HTML 14Page - Microchip Technology TC7117CPL Datasheet HTML 15Page - Microchip Technology TC7117CPL Datasheet HTML 16Page - Microchip Technology TC7117CPL Datasheet HTML 17Page - Microchip Technology TC7117CPL Datasheet HTML 18Page - Microchip Technology TC7117CPL Datasheet HTML 19Page - Microchip Technology TC7117CPL Datasheet HTML 20Page - Microchip Technology TC7117CPL Datasheet HTML 21Page - Microchip Technology TC7117CPL Datasheet HTML 22Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 19 / 22 page
background image
© 2002 Microchip Technology Inc.
DS21457B-page 19
TC7116/A/TC7117/A
7.3
Package Dimensions (Continued)
Dimenisons: inches (mm)
.695 (17.65)
.685 (17.40)
.656 (16.66)
.650 (16.51)
.656 (16.66)
.650 (16.51)
.021 (0.53)
.013 (0.33)
.032 (0.81)
.026 (0.66)
.630 (16.00)
.591 (15.00)
.120 (3.05)
.090 (2.29)
.180 (4.57)
.165 (4.19)
.695 (17.65)
.685 (17.40)
.050 (1.27) TYP.
.020 (0.51) MIN.
PIN 1
44-Pin PLCC
Dimenisons: inches (mm)
.557 (14.15)
.537 (13.65)
.398 (10.10)
.390 (9.90)
.031 (0.80) TYP.
.018 (0.45)
.012 (0.30)
.398 (10.10)
.390 (9.90)
.010 (0.25) TYP.
.096 (2.45) MAX.
.557 (14.15)
.537 (13.65)
.083 (2.10)
.075 (1.90)
.041 (1.03)
.026 (0.65)
7
° MAX.
.009 (0.23)
.005 (0.13)
44-Pin PQFP
PIN 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22