Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

PIC16LC62B-04E/SP Datasheet(PDF) 90 Page - Microchip Technology

No. de pieza PIC16LC62B-04E/SP
Descripción Electrónicos  28-Pin 8-Bit CMOS Microcontrollers
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MICROCHIP [Microchip Technology]
Página de inicio  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16LC62B-04E/SP Datasheet(HTML) 90 Page - Microchip Technology

Back Button PIC16LC62B-04E/SP Datasheet HTML 86Page - Microchip Technology PIC16LC62B-04E/SP Datasheet HTML 87Page - Microchip Technology PIC16LC62B-04E/SP Datasheet HTML 88Page - Microchip Technology PIC16LC62B-04E/SP Datasheet HTML 89Page - Microchip Technology PIC16LC62B-04E/SP Datasheet HTML 90Page - Microchip Technology PIC16LC62B-04E/SP Datasheet HTML 91Page - Microchip Technology PIC16LC62B-04E/SP Datasheet HTML 92Page - Microchip Technology PIC16LC62B-04E/SP Datasheet HTML 93Page - Microchip Technology PIC16LC62B-04E/SP Datasheet HTML 94Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 120 page
background image
PIC16C62B/72A
DS35008B-page 90
Preliminary
© 1998 Microchip Technology Inc.
13.4.3
TIMING DIAGRAMS AND SPECIFICATIONS
FIGURE 13-5: EXTERNAL CLOCK TIMING
TABLE 13-2:
EXTERNAL CLOCK TIMING REQUIREMENTS
Param
No.
Sym
Characteristic
Min
Typ†
Max
Units
Conditions
1A
Fosc
External CLKIN Frequency
(Note 1)
DC
—
4
MHz
RC and XT osc modes
DC
—
4
MHz
HS osc mode (-04)
DC
—
20
MHz
HS osc mode (-20)
DC
—
200
kHz
LP osc mode
Oscillator Frequency
(Note 1)
DC
—
4
MHz
RC osc mode
0.1
—
4
MHz
XT osc mode
4
—
20
MHz
HS osc mode
5
—
200
kHz
LP osc mode
1
Tosc
External CLKIN Period
(Note 1)
250
—
—
ns
RC and XT osc modes
250
—
—
ns
HS osc mode (-04)
50
—
—
ns
HS osc mode (-20)
5—
—
µsLP osc mode
Oscillator Period
(Note 1)
250
—
—
ns
RC osc mode
250
—
10,000
ns
XT osc mode
250
—
250
ns
HS osc mode (-04)
50
—
250
ns
HS osc mode (-20)
5—
—
µsLP osc mode
2
TCY
Instruction Cycle Time (Note 1)
200
—
DC
ns
TCY = 4/FOSC
3*
TosL,
TosH
External Clock in (OSC1) High
or Low Time
100
—
—
ns
XT oscillator
2.5
—
—
µs
LP oscillator
15
—
—
ns
HS oscillator
4*
TosR,
TosF
External Clock in (OSC1) Rise
or Fall Time
—
—
25
ns
XT oscillator
—
—
50
ns
LP oscillator
—
—
15
ns
HS oscillator
* These parameters are characterized but not tested.
† Data in "Typ" column is at 5V, 25°C unless otherwise stated. These parameters are for design guidance only
and are not tested.
Note 1: Instruction cycle period (TCY) equals four times the input oscillator time-base period. All specified values are
based on characterization data for that particular oscillator type under standard operating conditions with the
device executing code. Exceeding these specified limits may result in an unstable oscillator operation and/or
higher than expected current consumption. All devices are tested to operate at "min." values with an external
clock applied to the OSC1/CLKIN pin.
When an external clock input is used, the "Max." cycle time limit is "DC" (no clock) for all devices.
3
3
4
4
1
2
Q4
Q1
Q2
Q3
Q4
Q1
OSC1
CLKOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com