| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
UT2306G-AE3-R Datasheet(PDF) 1 Page - Unisonic Technologies |
|
|
|||||||||||||||||||||||||||||
UT2306G-AE3-R Datasheet(HTML) 1 Page - Unisonic Technologies |
|
1 / 5 page ![]() UNISONIC TECHNOLOGIES CO., LTD UT2306 Power MOSFET www.unisonic.com.tw 1 of 5 Copyright © 2015 Unisonic Technologies Co., Ltd QW-R502-130.E N-CHANNEL ENHANCEMENT MODE DESCRIPTION The UTC UT2306 is N-channel power MOSFET, designed with high density cell, with fast switching speed, ultra low on-resistance and excellent thermal and electrical capabilities. Used in commercial and industrial surface mount applications and suited for low voltage applications such as DC/DC converters. SYMBOL 2.Gate 1.Source 3.Drain ORDERING INFORMATION Ordering Number Package Pin Assignment Packing 1 2 3 UT2306G-AE2-R SOT-23-3 S G D Tape Reel UT2306G-AE3-R SOT-23 S G D Tape Reel MARKING |
Número de pieza similar - UT2306G-AE3-R |
|
Descripción similar - UT2306G-AE3-R |