| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
PIC16C710-04/SS Datasheet(PDF) 87 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16C710-04/SS Datasheet(HTML) 87 Page - Microchip Technology |
|
87 / 176 page ![]() PIC16C71X © 1997 Microchip Technology Inc. DS30272A-page 87 MPASM has the following features to assist in develop- ing software for specific use applications. • Provides translation of Assembler source code to object code for all Microchip microcontrollers. • Macro assembly capability. • Produces all the files (Object, Listing, Symbol, and special) required for symbolic debug with Microchip’s emulator systems. • Supports Hex (default), Decimal and Octal source and listing formats. MPASM provides a rich directive language to support programming of the PIC16/17. Directives are helpful in making the development of your assemble source code shorter and more maintainable. 10.11 Software Simulator (MPLAB-SIM) The MPLAB-SIM Software Simulator allows code development in a PC host environment. It allows the user to simulate the PIC16/17 series microcontrollers on an instruction level. On any given instruction, the user may examine or modify any of the data areas or provide external stimulus to any of the pins. The input/ output radix can be set by the user and the execution can be performed in; single step, execute until break, or in a trace mode. MPLAB-SIM fully supports symbolic debugging using MPLAB-C and MPASM. The Software Simulator offers the low cost flexibility to develop and debug code out- side of the laboratory environment making it an excel- lent multi-project software development tool. 10.12 C Compiler (MPLAB-C) The MPLAB-C Code Development System is a complete ‘C’ compiler and integrated development environment for Microchip’s PIC16/17 family of micro- controllers. The compiler provides powerful integration capabilities and ease of use not found with other compilers. For easier source level debugging, the compiler pro- vides symbol information that is compatible with the MPLAB IDE memory display. 10.13 Fuzzy Logic Development System ( fuzzyTECH-MP) fuzzyTECH-MP fuzzy logic development tool is avail- able in two versions - a low cost introductory version, MP Explorer, for designers to gain a comprehensive working knowledge of fuzzy logic system design; and a full-featured version, fuzzyTECH-MP, edition for imple- menting more complex systems. Both versions include Microchip’s fuzzyLAB ™ demon- stration board for hands-on experience with fuzzy logic systems implementation. 10.14 MP-DriveWay ™ – Application Code Generator MP-DriveWay is an easy-to-use Windows-based Appli- cation Code Generator. With MP-DriveWay you can visually configure all the peripherals in a PIC16/17 device and, with a click of the mouse, generate all the initialization and many functional code modules in C language. The output is fully compatible with Micro- chip’s MPLAB-C C compiler. The code produced is highly modular and allows easy integration of your own code. MP-DriveWay is intelligent enough to maintain your code through subsequent code generation. 10.15 SEEVAL® Evaluation and Programming System The SEEVAL SEEPROM Designer’s Kit supports all Microchip 2-wire and 3-wire Serial EEPROMs. The kit includes everything necessary to read, write, erase or program special features of any Microchip SEEPROM product including Smart Serials ™ and secure serials. The Total Endurance ™ Disk is included to aid in trade- off analysis and reliability calculations. The total kit can significantly reduce time-to-market and result in an optimized system. 10.16 KEELOQ® Evaluation and Programming Tools KEELOQ evaluation and programming tools support Microchips HCS Secure Data Products. The HCS eval- uation kit includes an LCD display to show changing codes, a decoder to decode transmissions, and a pro- gramming interface to program test transmitters. |