Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

PIC18C658-E/CL Datasheet(PDF) 84 Page - Microchip Technology

No. de pieza PIC18C658-E/CL
Descripción Electrónicos  High-Performance Microcontrollers with CAN Module
PDF  366 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MICROCHIP [Microchip Technology]
Página de inicio  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18C658-E/CL Datasheet(HTML) 84 Page - Microchip Technology

Back Button PIC18C658-E/CL Datasheet HTML 80Page - Microchip Technology PIC18C658-E/CL Datasheet HTML 81Page - Microchip Technology PIC18C658-E/CL Datasheet HTML 82Page - Microchip Technology PIC18C658-E/CL Datasheet HTML 83Page - Microchip Technology PIC18C658-E/CL Datasheet HTML 84Page - Microchip Technology PIC18C658-E/CL Datasheet HTML 85Page - Microchip Technology PIC18C658-E/CL Datasheet HTML 86Page - Microchip Technology PIC18C658-E/CL Datasheet HTML 87Page - Microchip Technology PIC18C658-E/CL Datasheet HTML 88Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 366 page
background image
PIC18CXX8
DS30475A-page 84
Advanced Information
 2000 Microchip Technology Inc.
REGISTER 7-6:
PIE REGISTERS
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
PIE1
PSPIE
ADIE
RCIE
TXIE
SSPIE
CCP1IE
TMR2IE
TMR1IE
bit 7
bit 0
U-0
R/W-0
U-0
U-0
R/W-0
R/W-0
R/W-0
R/W-0
PIE2
—
CMIE
—
—
BCLIE
LVDIE
TMR3IE
CCP2IE
bit 7
bit 0
R/W-1
R/W-1
R/W-1
R/W-1
R/W-1
R/W-1
R/W-1
R/W-1
PIE3
IVRE
WAKIE
ERRIE
TXB2IE
TXB1IE
TXB0IE
RXB1IE
RXB0IE
bit 7
bit 0
PIE1
bit 7
PSPIE: Parallel Slave Port Read/Write Interrupt Enable bit
1
= Enables the PSP read/write interrupt
0
= Disables the PSP read/write interrupt
bit 6
ADIE: A/D Converter Interrupt Enable bit
1
= Enables the A/D interrupt
0
= Disables the A/D interrupt
bit 5
RCIE: USART Receive Interrupt Enable bit
1
= Enables the USART receive interrupt
0
= Disables the USART receive interrupt
bit 4
TXIE: USART Transmit Interrupt Enable bit
1
= Enables the USART transmit interrupt
0
= Disables the USART transmit interrupt
bit 3
SSPIE: Master Synchronous Serial Port Interrupt Enable bit
1
= Enables the MSSP interrupt
0
= Disables the MSSP interrupt
bit 2
CCP1IE: CCP1 Interrupt Enable bit
1
= Enables the CCP1 interrupt
0
= Disables the CCP1 interrupt
bit 1
TMR2IE: TMR2 to PR2 Match Interrupt Enable bit
1
= Enables the TMR2 to PR2 match interrupt
0
= Disables the TMR2 to PR2 match interrupt
bit 0
TMR1IE: TMR1 Overflow Interrupt Enable bit
1
= Enables the TMR1 overflow interrupt
0
= Disables the TMR1 overflow interrupt