| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
PIC17C752-08/P Datasheet(PDF) 6 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC17C752-08/P Datasheet(HTML) 6 Page - Microchip Technology |
|
6 / 320 page ![]() PIC17C75X DS30264A-page 6 Preliminary © 1997 Microchip Technology Inc. TABLE 1-1: PIC17CXXX FAMILY OF DEVICES Features PIC17CR42 PIC17C42A PIC17C43 PIC17CR43 PIC17C44 PIC17C752 PIC17C756 Maximum Frequency of Operation 33 MHz 33 MHz 33 MHz 33 MHz 33 MHz 33 MHz 33 MHz Operating Voltage Range 2.5 - 6.0V 2.5 - 6.0V 2.5 - 6.0V 2.5 - 6.0V 2.5 - 6.0V 3.0 - 6.0V 3.0 - 6.0V Program Memory ( x16) (EPROM) - 16 K 4K - 8K 8K 16K (ROM) 2K - - 4K -- - Data Memory (bytes) 232 232 454 454 454 454 902 Hardware Multiplier (8 x 8) Yes Yes Yes Yes Yes Yes Yes Timer0 (16-bit + 8-bit postscaler) Yes Yes Yes Yes Yes Yes Yes Timer1 (8-bit) Yes Yes Yes Yes Yes Yes Yes Timer2 (8-bit) Yes Yes Yes Yes Yes Yes Yes Timer3 (16-bit) Yes Yes Yes Yes Yes Yes Yes Capture inputs (16-bit) 2 2 2 2 24 4 PWM outputs (up to 10-bit) 2 2 2 2 23 3 USART/SCI 1 1 1 1 12 2 A/D channels (10-bit) - - - - -12 12 SSP (SPI/I2C w/Master mode) - - - - - Yes Yes Power-on Reset Yes Yes Yes Yes Yes Yes Yes Watchdog Timer Yes Yes Yes Yes Yes Yes Yes External Interrupts Yes Yes Yes Yes Yes Yes Yes Interrupt Sources 11 11 11 11 11 18 18 Code Protect Yes Yes Yes Yes Yes Yes Yes Brown-out Reset - - - - - Yes Yes In-circuit Serial Programming - - - - - Yes Yes I/O Pins 33 33 33 33 33 50 50 I/O High Current Capability Source 25 mA 25 mA 25 mA 25 mA 25 mA 25 mA 25 mA Sink 25 mA(1) 25 mA(1) 25 mA(1) 25 mA(1) 25 mA(1) 25 mA(1) 25 mA(1) Package Types 40-pin DIP 44-pin PLCC 44-pin MQFP 44-pin TQFP 40-pin DIP 44-pin PLCC 44-pin MQFP 44-pin TQFP 40-pin DIP 44-pin PLCC 44-pin MQFP 44-pin TQFP 40-pin DIP 44-pin PLCC 44-pin MQFP 44-pin TQFP 40-pin DIP 44-pin PLCC 44-pin MQFP 44-pin TQFP 64-pin DIP 68-pin LCC 68-pin TQFP 64-pin DIP 68-pin LCC 68-pin TQFP Note 1: Pins RA2 and RA3 can sink up to 60 mA. |