Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

PIC16CE623-04/SS Datasheet(PDF) 85 Page - Microchip Technology

No. de pieza PIC16CE623-04/SS
Descripción Electrónicos  OTP 8-Bit CMOS MCU with EEPROM Data Memory
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MICROCHIP [Microchip Technology]
Página de inicio  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16CE623-04/SS Datasheet(HTML) 85 Page - Microchip Technology

Back Button PIC16CE623-04/SS Datasheet HTML 81Page - Microchip Technology PIC16CE623-04/SS Datasheet HTML 82Page - Microchip Technology PIC16CE623-04/SS Datasheet HTML 83Page - Microchip Technology PIC16CE623-04/SS Datasheet HTML 84Page - Microchip Technology PIC16CE623-04/SS Datasheet HTML 85Page - Microchip Technology PIC16CE623-04/SS Datasheet HTML 86Page - Microchip Technology PIC16CE623-04/SS Datasheet HTML 87Page - Microchip Technology PIC16CE623-04/SS Datasheet HTML 88Page - Microchip Technology PIC16CE623-04/SS Datasheet HTML 89Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 108 page
background image
© 1998 Microchip Technology Inc.
Preliminary
DS40182A-page 85
PIC16CE62X
D090A
VDD-0.7
-
-
V IOH=-2.5 mA,
VDD=4.5V, +125
°C
D092
OSC2/CLKOUT (RC only)
VDD-0.7
-
-
V IOH=-1.3 mA, VDD=4.5V, -40
° to +85°C
VDD-0.7
-
-
V IOH=-1.0 mA, VDD=4.5V, +125
°C
D150
VOD
Open-Drain High Voltage
10*
V RA4 pin
Capacitive Loading Specs
on Output Pins
D100
COSC
2
OSC2 pin
15
pF In XT, HS and LP modes when external
clock used to drive OSC1.
D101
Cio
All I/O pins/OSC2 (in RC
mode)
50
pF
13.2
DC CHARACTERISTICS:
PIC16CE62X-04 (Commercial, Industrial, Extended)
PIC16CE62X-20 (Commercial, Industrial, Extended) (Cont.)
Standard Operating Conditions (unless otherwise stated)
Operating temperature
–40˚C
≤ TA ≤ +85˚C for industrial and
0˚C
≤ TA ≤ +70˚C for commercial and
–40˚C
≤ TA ≤ +125˚C for extended
Operating voltage VDD range as described in DC spec Table 13-1 and Table 13-2
Parm
No.
Sym
Characteristic
Min
Typ†
Max
Unit
Conditions
*
These parameters are characterized but not tested.
†
Data in “Typ” column is at 5.0V, 25
°C unless otherwise stated. These parameters are for design guid-
ance only and are not tested.
Note 1: In RC oscillator configuration, the OSC1 pin is a Schmitt Trigger input. It is not recommended that the
PIC16CE62X be driven with external clock in RC mode.
2: The leakage current on the MCLR pin is strongly dependent on applied voltage level. The specified
levels represent normal operating conditions. Higher leakage current may be measured at different
input voltages.
3: Negative current is defined as coming out of the pin.
4: The better of the two specifications may be used. For VIL, this would be the higher voltage and for
VIH, this would be the lower voltage.
62X.bk Page 85 Tuesday, March 10, 1998 3:40 PM