| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
PIC17C75X Datasheet(PDF) 8 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC17C75X Datasheet(HTML) 8 Page - Microchip Technology |
|
8 / 320 page ![]() PIC17C75X DS30264A-page 8 Preliminary © 1997 Microchip Technology Inc. 2.5 Read Only Memory (ROM) Devices Microchip offers masked ROM versions of several of the highest volume parts, thus giving customers a low cost option for high volume, mature products. ROM devices do not allow serialization information in the program memory space. For information on submitting ROM code, please con- tact your regional sales office. 2.6 Flash Memory Devices These devices are electrically erasable and, therefore, can be offered in the low cost plastic package. Being electrically erasable, these devices can be erased and reprogrammed in-circuit. These devices are the same for prototype development, pilot programs, as well as production. Note: Presently, NO ROM versions of the PIC17C75X devices are available. Note: Presently, NO Flash versions of the PIC17C75X devices are available. |