| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
ISL9V3040D3SL-TN3-R Datasheet(PDF) 1 Page - Unisonic Technologies |
|
|
|||||||||||||||||||||||||||||
ISL9V3040D3SL-TN3-R Datasheet(HTML) 1 Page - Unisonic Technologies |
|
1 / 4 page ![]() UNISONIC TECHNOLOGIES CO., LTD ISL9V3040D3S Insulated Gate Bipolar Transistor www.unisonic.com.tw 1 of 4 Copyright © 2015 Unisonic Technologies Co., Ltd QW-R219-011.F 300mJ, 400V, N-CHANNEL IGNITION IGBT DESCRIPTION The UTC ISL9V3040D3S is an N-channel ignition Insulated Gate Bipolar Transistor. It uses UTC’s advanced technology to provide customers with outstanding SCIS capability. The UTC ISL9V3040D3S is suitable for Coil –On plug applications and Automotive Ignition Coil driver circuits, etc. FEATURES * Outstanding SCIS capability * Logic level gate drive SYMBOL ORDERING INFORMATION Ordering Number Pin Assignment Lead Free Halogen Free Package 1 2 3 Packing ISL9V3040D3SL-TA3-T ISL9V3040D3SG-TA3-T TO-220 G C E Tube ISL9V3040D3SL-TF3-T ISL9V3040D3SG-TF3-T TO-220F G C E Tube ISL9V3040D3SL-TN3-R ISL9V3040D3SG-TN3-R TO-252 G C E Tape Reel ISL9V3040D3SL-TQ2-T ISL9V3040D3SG-TQ2-T TO-263 G C E Tube ISL9V3040D3SL-TQ2-R ISL9V3040D3SG-TQ2-R TO-263 G C E Tape Reel Note: Pin Assignment: G: Gate C: Collector E: Emitter ISL9V3040D3SL-TA3-T (1)Packing Type (2)Package Type (3)Green Package (1) T: Tube, R: Tape Reel (2) TA3: TO-220, TF3: TO-220F, TN3: TO-252 TQ2: TO-263 (3) L: Lead Free, G: Halogen Free and Lead Free MARKING |
Número de pieza similar - ISL9V3040D3SL-TN3-R |
|
Descripción similar - ISL9V3040D3SL-TN3-R |