| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
DTA123JG-AE3-R Datasheet(PDF) 1 Page - Unisonic Technologies |
|
|
|||||||||||||||||||||||||||||
DTA123JG-AE3-R Datasheet(HTML) 1 Page - Unisonic Technologies |
|
1 / 4 page ![]() UNISONIC TECHNOLOGIES CO., LTD DTA123J PNP SILICON TRANSISTOR www.unisonic.com.tw 1 of 4 Copyright © 2015 Unisonic Technologies Co., Ltd QW-R206-075.F DIGITAL TRANSISTORS (BUILT- IN BIAS RESISTORS) FEATURES * Built-in bias resistors that implies easy ON/OFF applications. * The bias resistors are thin-film resistors with complete isolation to allow positive input. EQUIVALENT CIRCUIT ORDERING INFORMATION Ordering Number Pin Assignment Lead Free Halogen Free Package 1 2 3 Packing - DTA123JG-AE3-R SOT-23 G I O Tape Reel - DTA123JG-AL3-R SOT-323 G I O Tape Reel - DTA123JG-AN3-R SOT-523 G I O Tape Reel - DTA123JG-AL6-T SOT-363 G I O Tube - DTA123JG-AL6-R SOT-363 G I O Tape Reel DTA123JL-T92-B DTA123JG-T92-B TO-92 G O I Tape Box DTA123JL-T92-K DTA123JG-T92-K TO-92 G O I Bulk DTA123JL-T9S-K DTA123JG-T9S-K TO-92SP G O I Bulk DTA123JL-T9S-B DTA123JG-T9S-B TO-92SP G O I Tape Box Note: Pin assignment: G: GND I: IN O: OUT |
Número de pieza similar - DTA123JG-AE3-R |
|
Descripción similar - DTA123JG-AE3-R |