| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
ISL88694 Datasheet(PDF) 3 Page - Intersil Corporation |
|
|
|||||||||||||||||||||||||||||
ISL88694 Datasheet(HTML) 3 Page - Intersil Corporation |
|
3 / 7 page ![]() 3 FN8239.1 January 21, 2005 Absolute Maximum Ratings Recommended Operating Conditions Supply Voltage Range . . . . . . . . . . . . . . . . . . . . . . . . . . . -1V to 6.5V Operating Junction Temperature . . . . . . . . . . . . . . . . . . . . . . +135°C Storage Temperature Range . . . . . . . . . . . . . . . . . .-65°C to +150°C Voltage on pins . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to VDD+0.3V Lead temperature (soldering, 10 seconds) . . . . . . . . . . . . . . . 300°C ESD min other pins (HBM). . . . . . . . . . . . . . . . . . . . . . . . . . . . .>2kV ESD SMBus1 and SMBus2 pins (HBM) . . . . . . . . . . . . . . . . . .>8kV Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .-40°C to +85°C Supply Voltage. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2.7V to 5.5V CAUTION: Absolute Maximum Ratings indicate limits beyond which permanent damage to the device and impaired reliability may occur. These are stress ratings provided for information only and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of this specification are not implied. For guaranteed specifications and test conditions, see Electrical Specifications. The guaranteed specifications apply only for the test conditions listed. Some performance characteristics may degrade when the device is not operated under the listed test conditions. Electrical Specifications Over operating conditions unless otherwise specified, Typical values are measured at VDD = 3.3V and TA = +25°C SYMBOL PARAMETER CONDITIONS MIN TYP MAX UNIT ANALOG PARAMETERS VDD Supply Voltage Range 2.7 5.5 V VDD RAMP VDD Ramp Rate 0.05 50 V/msec IDD Supply Current SMBus1=SMBus2=Open 80 100 µA IOUT_SB Standby Pull-Up Current SMBus1=SMBus2=VDD-1.0V 80 125 µA IOUT_A1 Active Pull-Up Current SMBus1=GND; SMBus2=Open 125 275 350 µA IOUT_A2 SMBus1= Open; SMBus2=GND 125 275 350 µA IOUT_B1 Boost Pull-Up Current (Figure 1) VTRIPL<SMBus1<VTRIPH, SMBus2=Open 1.6 2.2 mA IOUT_B2 VTRIPL<SMBus2<VTRIPH, SMBus1=Open 1.6 2.2 mA VTRIPL Input Voltage Threshold Low 0.65 0.75 0.85 V VTRIPH Input Voltage Threshold High VDD-0.60 VDD - 0.50 VDD - 0.40 V fMAX SMBus Max Frequency 100 kHz NSS Noise Spike Suppression (Note 1) (Figure 10) 20 V-nsec NOTES: 1. Measured as area under triangular waveform above VTRIPL, with time as base and VIN as height (See Figure 10). ISL88694 |
|
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |